Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-0603C121GTS Datasheet(PDF) 7 Page - Pulse A Technitrol Company

Part # PE-0603C121GTS
Description  RF Chip Inductors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0603C121GTS Datasheet(HTML) 7 Page - Pulse A Technitrol Company

Back Button PE-0603C121GTS Datasheet HTML 3Page - Pulse A Technitrol Company PE-0603C121GTS Datasheet HTML 4Page - Pulse A Technitrol Company PE-0603C121GTS Datasheet HTML 5Page - Pulse A Technitrol Company PE-0603C121GTS Datasheet HTML 6Page - Pulse A Technitrol Company PE-0603C121GTS Datasheet HTML 7Page - Pulse A Technitrol Company PE-0603C121GTS Datasheet HTML 8Page - Pulse A Technitrol Company PE-0603C121GTS Datasheet HTML 9Page - Pulse A Technitrol Company PE-0603C121GTS Datasheet HTML 10Page - Pulse A Technitrol Company PE-0603C121GTS Datasheet HTML 11Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
6
www.pulseelectronics.com
WC701.O (01/15)
Pulse Jack
E l e c t r o n i c s
wIRE-wOUND RF CHIP
INDUCTORS - 0402CD SERIES
Wirewound ceramic core construction
High Q values
High self resonant frequency
Industry standard 0402 (1005) surface
mount land pattern
Electrical Specifications @ 25°C
Part Number
Inductance 1
(nH)
Standard
Tolerance
Optional
Tolerance
Q
(MIN)
SRF
(MHz MIN)
RDC
(MHz MIN)
Ω MAX
(mA MAX)
PE-0402CD1N0JTG
1.0 @ 250MHz
±5%
13 @ 250MHz
6000
0.045
1360
PE-0402CD3N3JTT
3.3 @ 250MHz
±5%
20 @ 250MHz
6000
0.066
840
PE-0402CD3N6JTT
3.6 @ 250MHz
±5%
±10% (K)
20 @ 250MHz
6000
0.066
840
PE-0402CD3N9JTT
3.9 @ 250MHz
±5%
±10% (K)
20 @ 250MHz
5800
0.083
840
PE-0402CD5N1JTT
5.1 @ 250MHz
±5%
23 @ 250MHz
5800
0.083
800
PE-0402CD5N6JTG
5.6 @ 250MHz
±5%
23 @ 250MHz
5800
0.083
760
PE-0402CD6N2JTT
6.2 @ 250MHz
±5%
±10% (K)
20 @ 250MHz
5800
0.083
760
PE-0402CD6N8JTT
6.8 @ 250MHz
±5%
±10% (K)
25 @ 250MHz
5800
0.083
680
PE-0402CD7N5JTG
7.5 @ 250MHz
±5%
±10% (K)
25 @ 250MHz
5800
0.104
680
PE-0402CD8N2JTT
8.2 @ 250MHz
±5%
21 @ 250MHz
4400
0.104
680
PE-0402CD9N0JTG
9.0 @ 250MHz
±5%
21 @ 250MHz
4160
0.104
680
PE-0402CD100JTT
10 @ 250MHz
±5%
±10% (K), ±2% (G)
21 @ 250MHz
3900
0.195
480
PE-0402CD110JTT
11 @ 250MHz
±5%
26 @ 250MHz
3680
0.120
640
PE-0402CD120JTT
12 @ 250MHz
±5%
26 @ 250MHz
3600
0.120
640
PE-0402CD150JTT
15 @ 250MHz
±5%
±10% (K), ±2% (G)
26 @ 250MHz
3280
0.172
560
PE-0402CD180JTG
18 @ 250MHz
±5%
±10% (K)
26 @ 250MHz
3100
0.230
520
PE-0402CD190JTT
19 @ 250MHz
±5%
26 @ 250MHz
3040
0.202
480
PE-0402CD200GTT
20 @ 250MHz
±2%
26 @ 250MHz
3000
0.250
480
PE-0402CD220JTG
22 @ 250MHz
±5%
26 @ 250MHz
2800
0.300
400
PE-0402CD230JTT
23 @ 250MHz
±5%
26 @ 250MHz
2720
0.214
400
PE-0402CD240GTT
24 @ 250MHz
±2%
26 @ 250MHz
2700
0.300
400
PE-0402CD270JTT
27 @ 250MHz
±5%
25 @ 250MHz
248
0.298
400
PE-0402CD330JTG
33 @ 250MHz
±5%
26 @ 250MHz
2350
0.350
350
PE-0402CD360GTG
36 @ 250MHz
±2%
25 @ 250MHz
2320
0.403
320
PE-0402CD400JTG
40 @ 250MHz
±5%
25 @ 250MHz
2240
0.438
320
PE-0402CD470JTT
47 @ 250MHz
±5%
25 @ 250MHz
2100
0.830
100
PE-0402CD680JTT
68 @ 250MHz
±5%
±10% (K)
16 @ 250MHz
1840
0.970
100
PE-0402CD820JTT
82 @ 250MHz
±5%
16 @ 250MHz
1680
1.250
100
PE-0402CD101JTT
100 @ 250MHz
±5%
16 @ 250MHz
1620
2.600
100
PE-0402CD121JTT
120 @ 250MHz
±5%
±5% (J)
14 @ 250MHz
1520
2.700
90


Similar Part No. - PE-0603C121GTS

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0603CD010KTT PULSE-PE-0603CD010KTT Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
PE-0603CD030KTT PULSE-PE-0603CD030KTT Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
PE-0603CD040KTT PULSE-PE-0603CD040KTT Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
PE-0603CD060KTT PULSE-PE-0603CD060KTT Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
PE-0603CD080KTT PULSE-PE-0603CD080KTT Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
More results

Similar Description - PE-0603C121GTS

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0402CD1N0KTG PULSE-PE-0402CD1N0KTG Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B10NCV4T JOHANSON-L-05B10NCV4T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C47NJV4T JOHANSON-L-14C47NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC705 PULSE-WC705 Datasheet
614Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-14WR22JV4E JOHANSON-L-14WR22JV4E Datasheet
692Kb / 6P
   RF WIREWOUND CHIP INDUCTORS
L-07C8N2JV6T JOHANSON-L-07C8N2JV6T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC704 PULSE-WC704 Datasheet
618Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-07C1N0SV6T JOHANSON-L-07C1N0SV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
PE-0402CL PULSE-PE-0402CL Datasheet
1,002Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B15NJV6T JOHANSON-L-05B15NJV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com