Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-0603C121GTS Datasheet(PDF) 9 Page - Pulse A Technitrol Company

Part # PE-0603C121GTS
Description  RF Chip Inductors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0603C121GTS Datasheet(HTML) 9 Page - Pulse A Technitrol Company

Back Button PE-0603C121GTS Datasheet HTML 5Page - Pulse A Technitrol Company PE-0603C121GTS Datasheet HTML 6Page - Pulse A Technitrol Company PE-0603C121GTS Datasheet HTML 7Page - Pulse A Technitrol Company PE-0603C121GTS Datasheet HTML 8Page - Pulse A Technitrol Company PE-0603C121GTS Datasheet HTML 9Page - Pulse A Technitrol Company PE-0603C121GTS Datasheet HTML 10Page - Pulse A Technitrol Company PE-0603C121GTS Datasheet HTML 11Page - Pulse A Technitrol Company PE-0603C121GTS Datasheet HTML 12Page - Pulse A Technitrol Company PE-0603C121GTS Datasheet HTML 13Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
8
www.pulseelectronics.com
WC701.O (01/15)
Pulse Jack
E l e c t r o n i c s
wIRE-wOUND RF CHIP
INDUCTORS - 0603CD SERIES
Wirewound ceramic core construction
High Q values
High self resonant frequency
Industry standard 0603 (1608) surface
mount land pattern
Electrical Specifications @ 25°C
Part Number
Inductance
(nH)
Standard
Tolerance
Optional
Tolerance
Q
(MIN)
SRF
(MHz MIN)
RDC
(
Ω MAX)
IDC
(mA MAX)
PE-0603CD1N6KTT
1.6 @ 250MHz
±10%
24 @ 250MHz
6000.0
0.03
700.0
PE-0603CD010KTT
1.7 @ 250MHz
±10%
16 @ 250MHz
6000.0
0.05
700.0
PE-0603CD1N8JTT
1.8 @ 250MHz
±5%
16 @ 250MHz
6000.0
0.05
700.0
PE-0603CD2N2KTT
2.2 @ 250MHz
±10%
18 @ 250MHz
6000.0
0.11
700.0
PE-0603CD3N6JTT
3.6 @ 250MHz
±5%
20 @ 250MHz
6000.0
0.07
700.0
PE-0603CD030JTT
3.9 @ 250MHz
±5%
±10% (K)
20 @ 250MHz
6000.0
0.08
700.0
PE-0603CD4N3JTT
4.3 @ 250MHz
±5%
20 @ 250MHz
6000.0
0.10
700.0
PE-0603CD040JTT
4.55 @ 250MHz
±5%
±10% (K)
20 @ 250MHz
5800.0
0.11
700.0
PE-0603CD4N7JTT
4.7 @ 250MHz
±5%
±2% (G)
20 @ 250MHz
5800.0
0.12
700.0
PE-0603CD5N1JTT
5.1 @ 250MHz
±5%
±2% (G)
20 @ 250MHz
5700.0
0.11
700.0
PE-0603CD5N6GTT
5.6 @ 250MHz
±2%
±10% (K)
25 @ 250MHz
5500.0
0.11
700.0
PE-0603CD6N2JTT
6.2 @ 250MHz
±5%
±2% (G)
25 @ 250MHz
5800.0
0.11
700.0
PE-0603CD060JTT
6.68 @ 250MHz
±5%
±10% (K), ±2% (G)
25 @ 250MHz
5800.0
0.11
700.0
PE-0603CD6N8JTT
6.8 @ 250MHz
±5%
±2% (G)
27 @ 250MHz
5800.0
0.12
700.0
PE-0603CD7N5GTT
7.5 @ 250MHz
±2%
28 @ 250MHz
4800.0
0.12
700.0
PE-0603CD080JTT
8.2 @ 250MHz
±5%
±10% (K), ±2% (G)
30 @ 250MHz
4600.0
0.12
700.0
PE-0603CD8N7JTT
8.7 @ 250MHz
±5%
±2% (G)
28 @ 250MHz
4600.0
0.11
700.0
PE-0603CD9N5GTT
9.5 @ 250MHz
±2%
±10% (K)
28 @ 250MHz
5400.0
0.14
700.0
PE-0603CD100JTT
10 @ 250MHz
±5%
±2% (G)
30 @ 250MHz
4800.0
0.13
700.0
PE-0603CD110GTT
11 @ 250MHz
±2%
±10% (K)
30 @ 250MHz
4000.0
0.09
700.0
PE-0603CD120JTT
12 @ 250MHz
±5%
±10% (K), ±2% (G)
30 @ 250MHz
4000.0
0.13
700.0
PE-0603CD130JTT
13 @ 250MHz
±5%
±10% (K), ±2% (G)
38 @ 250MHz
3600.0
0.11
700.0
PE-0603CD150JTT
15 @ 250MHz
±5%
±10% (K), ±2% (G)
30 @ 250MHz
4000.0
0.17
700.0
PE-0603CD160JTT
16 @ 250MHz
±5%
±2% (G)
35 @ 250MHz
3300.0
0.17
700.0
PE-0603CD180JTT
18 @ 250MHz
±5%
±10% (K), ±2% (G)
35 @ 180MHz
3100.0
0.17
700.0
PE-0603CD220JTT
22 @ 250MHz
±5%
±10% (K), ±2% (G)
35 @ 250MHz
3000.0
0.19
700.0
PE-0603CD230GTT
23 @ 250MHz
±2%
38 @ 250MHz
2850.0
0.19
700.0
PE-0603CD240JTT
24 @ 250MHz
±5%
±10% (K), ±2% (G)
35 @ 250MHz
2650.0
0.20
600.0
See page 3 for Competition Cross Reference
(Continued on next page)
1
2
3
4
5


Similar Part No. - PE-0603C121GTS

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0603CD010KTT PULSE-PE-0603CD010KTT Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
PE-0603CD030KTT PULSE-PE-0603CD030KTT Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
PE-0603CD040KTT PULSE-PE-0603CD040KTT Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
PE-0603CD060KTT PULSE-PE-0603CD060KTT Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
PE-0603CD080KTT PULSE-PE-0603CD080KTT Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
More results

Similar Description - PE-0603C121GTS

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0402CD1N0KTG PULSE-PE-0402CD1N0KTG Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B10NCV4T JOHANSON-L-05B10NCV4T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C47NJV4T JOHANSON-L-14C47NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC705 PULSE-WC705 Datasheet
614Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-14WR22JV4E JOHANSON-L-14WR22JV4E Datasheet
692Kb / 6P
   RF WIREWOUND CHIP INDUCTORS
L-07C8N2JV6T JOHANSON-L-07C8N2JV6T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC704 PULSE-WC704 Datasheet
618Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-07C1N0SV6T JOHANSON-L-07C1N0SV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
PE-0402CL PULSE-PE-0402CL Datasheet
1,002Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B15NJV6T JOHANSON-L-05B15NJV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com