Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M02061 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M02061
Description  3.3 or 5 Volt Laser Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02061 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M02061_17 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02061_17 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02061_17 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02061_17 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02061_17 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02061_17 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02061_17 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02061_17 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02061_17 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02061-12/-21
1
3.3 or 5 Volt Laser Driver
Rev V6
Applications
• SFP and SFF Modules
• 1G/2G/4G Fibre Channel modules
• Short reach and Metro SONET/SDH
• CPRI: 614.4, 1228.8, 2457.6, 3072.0, 4915.2 and 6144.0 Mbit/s
• OLT Laser Driver for GPON and EPON
The M02061 is a highly integrated, programmable laser driver intended for SFP/SFF modules. Using differential
PECL data inputs, the M02061 supplies the bias and modulation current required to drive an edge-emitting laser.
The modulation output can be DC coupled to the laser diode.
The M02061 includes automatic power control to maintain a constant average laser output power over temperature
and life. In addition, the modulation current can be temperature compensated to minimize variation in extinction
ratio over temperature.
Features
• High-speed operation; suitable for SFP/SFF applications.
Typical rise/fall times of 55 ps.
• Programmable temperature compensation. Modulation output and
bias output can be controlled using a few discrete resistors.
• Supports DDMI (SFF-8472) diagnostics
• DC or AC coupled modulation drive. Up to 100 mA modulation
current available when AC coupled.
• Low overshoot allows high extinction ratio with low jitter
• Automatic laser power control, with “Slow-Start”
• PECL and CML compatible differential data inputs
• Complies with major MSAs (GBIC, SFF, SFF-8472, SFP) including
timing requirements
• Packaged in a QFN24
• 3.3 V or 5 V operation
• Pulse width adjustment
Typical Applications Diagram
Input
Buffer
VCC3 -1.3V
Internal
3.3V reg.
Input
Buffer
D - FF
Output
Buffer
Laser
Driver
Automatic Power Control
(laser bias current)
Safety
Circuitry with
Latched Fault
Modulation
Control
SVCC
OUT-
OUT+
GND0
IBIASOUT
IPIN
DIN-
DIN+
Internal Power Bus
VCC3
VCC
VCC
VCC3
VCC
VCC
(M02061-12
only)
(M02061-21
only)
TX
Disable
VCC


Similar Part No. - M02061_17

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02061-12 MA-COM-M02061-12 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
More results

Similar Description - M02061_17

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com