Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK6005F Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # STK6005F
Description  converting PC / Mac video images for a TFT-LCD display monitor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK6005F Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STK6005F Datasheet HTML 6Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 7Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 8Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 9Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 10Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 11Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 12Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 13Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
STK6005
5. FUNCTION
5.1 Input Timing and Format
This chip supports a 24-bit RGB input (up to SXGA 75Hz) of a single port, a 16-bit YUV 4:2:2 input,
and an 8-bit YUV 4:2:2 (CCIR-656) video input. The timing diagrams are provided below.
For RGB input format, the RGB data (RIN/GIN/BIN ports) and H-Sync (HSI), V-Sync (VSI) are
sampled at the rising or falling edge of VCLK.
For TMDS input format, a control signal ExtDE can be provided to define the valid data.
For video input format, the input YUV ports are shared with RIN/GIN/BIN ports. The 16-bit YUV 4:2:2
format uses RIN[7:0] for Y[7:0], GIN[7:0] for UV[7:0], and BIN[7:1] for YUV control bus. Hsync / Vsync
are used as H-Sync and V-Sync input signals. Cref is used as a clock edge qualifier. Href and Vref are
used to define the valid data. Field input is used as the odd / even fields indicator.
The 8-bit YUV 4:2:2 (CCIR-656) format uses RIN[7:0] for data input YUV[7:0], and the timing control is
also embedded in the data stream. Therefore, there are no control signal connections needed for this
format.
VCLK
R/G/BIN
RGB0 RGB1 RGB2
HSI/VSI
ExtDE
RGB input format timing diagram
Back to Contents Table


Similar Part No. - STK6005F

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
logo
ATMEL Corporation
STK600-ATTINY10 ATMEL-STK600-ATTINY10 Datasheet
28Kb / 1P
   Socket card
STK600-RC020T-23 ATMEL-STK600-RC020T-23 Datasheet
45Kb / 1P
   Routing card
STK600-RC020T-44 ATMEL-STK600-RC020T-44 Datasheet
527Kb / 1P
   Routing card
STK600-RC020T-54 ATMEL-STK600-RC020T-54 Datasheet
40Kb / 1P
   Routing card
More results

Similar Description - STK6005F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ150X1DG55 SHARP-LQ150X1DG55 Datasheet
115Kb / 1P
   Color TFT-LCD Module(Desktop PC /Monitor)
LQ181E1DG11 SHARP-LQ181E1DG11 Datasheet
122Kb / 1P
   Color TFT-LCD Module(Desktop PC/Monitor)
logo
Hamamatsu Corporation
C9303-04 HAMAMATSU-C9303-04_15 Datasheet
74Kb / 2P
   RGB-LED backlight monitor for TFT-LCD (Liquid Crystal Display)
C9303-03 HAMAMATSU-C9303-03_15 Datasheet
129Kb / 2P
   RGB-LED backlight monitor for TFT-LCD (Liquid Crystal Display)
logo
List of Unclassifed Man...
M51392P ETC1-M51392P Datasheet
14Kb / 1P
   VIDEO AMPLIFIER FOR DISPLAY/MONITOR
logo
Sharp Corporation
LQ181E1DG01 SHARP-LQ181E1DG01 Datasheet
44Kb / 2P
   Color TFT-LCD Module for OA/Multimedia use(Desktop PC/Monitor)
logo
Purdy Electronics Corpo...
ANDPSI025TD-LED PURDY-ANDPSI025TD-LED Datasheet
407Kb / 7P
   TFT LCD Color Monitor
ANDPSI025TD-LED-KIT PURDY-ANDPSI025TD-LED-KIT Datasheet
407Kb / 8P
   TFT LCD Color Monitor
logo
Renesas Technology Corp
M61303FP RENESAS-M61303FP Datasheet
232Kb / 25P
   I2C BUS Controlled 3channel Video Pre-amplifier for LCD Display Monitor
logo
Mitsubishi Electric Sem...
M61303FP MITSUBISHI-M61303FP Datasheet
1Mb / 22P
   IIC BUS controled 3channel video pre-amplifier for LCD display monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com