Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STQ2NF06L Datasheet(PDF) 8 Page - STMicroelectronics

Part # STQ2NF06L
Description  N-CHANNEL 60V - 0.1 W - 2A TO-92 STripFET??II POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STQ2NF06L Datasheet(HTML) 8 Page - STMicroelectronics

  STQ2NF06L Datasheet HTML 1Page - STMicroelectronics STQ2NF06L Datasheet HTML 2Page - STMicroelectronics STQ2NF06L Datasheet HTML 3Page - STMicroelectronics STQ2NF06L Datasheet HTML 4Page - STMicroelectronics STQ2NF06L Datasheet HTML 5Page - STMicroelectronics STQ2NF06L Datasheet HTML 6Page - STMicroelectronics STQ2NF06L Datasheet HTML 7Page - STMicroelectronics STQ2NF06L Datasheet HTML 8Page - STMicroelectronics STQ2NF06L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
STQ2NF06L
8/9


Similar Part No. - STQ2NF06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STQ2NK60ZR-AP STMICROELECTRONICS-STQ2NK60ZR-AP Datasheet
762Kb / 16P
   Zener-Protected SuperMESH MOSFET
More results

Similar Description - STQ2NF06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN2NF06L STMICROELECTRONICS-STN2NF06L Datasheet
290Kb / 8P
   N-CHANNEL 60V - 0.1 ohm - 2A SOT-223 STripFET??II POWER MOSFET
2N7000 STMICROELECTRONICS-2N7000 Datasheet
383Kb / 14P
   N-channel 60V - 1.8ohm - 0.35A - SOT23-3L / TO-92 STripFET Power MOSFET
STN2NE06 STMICROELECTRONICS-STN2NE06 Datasheet
84Kb / 8P
   N-CHANNEL 60V - 0.18ohm - 2A - SOT-223 STripFET POWER MOSFET
STS2DNE60 STMICROELECTRONICS-STS2DNE60 Datasheet
70Kb / 5P
   N - CHANNEL 60V - 0.180ohm - 2A SO-8 STripFET POWER MOSFET
STN2NF06 STMICROELECTRONICS-STN2NF06 Datasheet
105Kb / 9P
   N - CHANNEL 60V - 0.12ohm - 2A - SOT-223 STripFET POWER MOSFET
STT2PF60L STMICROELECTRONICS-STT2PF60L Datasheet
83Kb / 6P
   P-CHANNEL 60V - 0.20 ohm - 2A SOT23-6L STripFET??II POWER MOSFET
STF40NF06 STMICROELECTRONICS-STF40NF06 Datasheet
253Kb / 9P
   N-CHANNEL 60V - 0.024ohm - 23A - TO-220FP STripFET II MOSFET
STF40NF06 STMICROELECTRONICS-STF40NF06_06 Datasheet
259Kb / 12P
   N-channel 60V - 0.024廓 - 23A - TO-220FP STripFET??II Power MOSFET
STP45NF06L STMICROELECTRONICS-STP45NF06L Datasheet
441Kb / 10P
   N-CHANNEL 60V - 0.022ohm - 38A TO-220 / D2PAK STripFET??II POWER MOSFET
2N7000 STMICROELECTRONICS-2N7000_07 Datasheet
355Kb / 14P
   N-channel 60V - 1.8廓 - 0.35A - SOT23-3L / TO-92 STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com