Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V2D631D-MXCXB0 Datasheet(PDF) 5 Page - SICK AG

Part # V2D631D-MXCXB0
Description  IMAGE-BASED CODE READERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

V2D631D-MXCXB0 Datasheet(HTML) 5 Page - SICK AG

  V2D631D-MXCXB0 Datasheet HTML 1Page - SICK AG V2D631D-MXCXB0 Datasheet HTML 2Page - SICK AG V2D631D-MXCXB0 Datasheet HTML 3Page - SICK AG V2D631D-MXCXB0 Datasheet HTML 4Page - SICK AG V2D631D-MXCXB0 Datasheet HTML 5Page - SICK AG V2D631D-MXCXB0 Datasheet HTML 6Page - SICK AG V2D631D-MXCXB0 Datasheet HTML 7Page - SICK AG V2D631D-MXCXB0 Datasheet HTML 8Page - SICK AG V2D631D-MXCXB0 Datasheet HTML 9Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
V2D631D-MXCXB0 Flex OCR DPM | Lector63x
IMAGE-BASED CODE READERS
Dimensional drawing (Dimensions in mm (inch))
45.8
6.5
50
23.9
0.5
63.1
1
2
3
4
5
6
7
8
9
ä
å
æ
ç
ã
ß
à
á
â
①  External illumination connection
②  Gigabit Ethernet port
③  USB port
④  Power, serial, CAN, and I/O connection
⑤  22.7 mm, 37.7 mm, or 60 mm protective cover for optics
⑥  Protective caps/plugs to seal any electrical connections that are not in use
⑦  M5 blind tapped holes, 5 mm deep (4 x), for mounting the sensor
⑧  M5 sliding nut, 5.5 mm deep (4 x), pivoting, for an alternative method of mounting the sensor
⑨  Integrated illumination connection
⑩  Aiming laser (2 x)
⑪  S-mount or C-mount optics module
⑫  2.5 mm blind tapped holes (4 x) for mounting the spacers for the integrable illumination
⑬  Optical axis and center of the image sensor
⑭  Manual focus screw, underneath cover/label (S-mount Flex)
⑮  Function button (2 x)
⑯  Bar graph display
⑰  Removable cover for microSD memory card slot and manual focus screw (S-mount)
⑱  LEDs for status display (2 levels), 5 x
2017-04-07 16:36:27 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
5


Similar Part No. - V2D631D-MXCXB0

ManufacturerPart #DatasheetDescription
logo
SICK AG
V2D631D-MXSXB0 SICK-V2D631D-MXSXB0 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
More results

Similar Description - V2D631D-MXCXB0

ManufacturerPart #DatasheetDescription
logo
SICK AG
V2D642R-MCXXA6 SICK-V2D642R-MCXXA6 Datasheet
936Kb / 9P
   IMAGE-BASED CODE READERS
V2D642R-MCXXH6 SICK-V2D642R-MCXXH6 Datasheet
767Kb / 10P
   IMAGE-BASED CODE READERS
V2D654R-MCXXH6 SICK-V2D654R-MCXXH6 Datasheet
672Kb / 9P
   IMAGE-BASED CODE READERS
V2D631R-MKMDB4 SICK-V2D631R-MKMDB4 Datasheet
2Mb / 12P
   IMAGE-BASED CODE READERS
V2D631R-MXSXB0 SICK-V2D631R-MXSXB0 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
V2D632D-MXCXB0 SICK-V2D632D-MXCXB0 Datasheet
2Mb / 12P
   IMAGE-BASED CODE READERS
V2D632D-MXSXB0 SICK-V2D632D-MXSXB0 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
ICR620C-T11503S50 SICK-ICR620C-T11503S50 Datasheet
805Kb / 9P
   IMAGE-BASED CODE READERS
ICR620D-T31503 SICK-ICR620D-T31503 Datasheet
799Kb / 9P
   IMAGE-BASED CODE READERS
ICR620S-T16503 SICK-ICR620S-T16503 Datasheet
796Kb / 9P
   IMAGE-BASED CODE READERS
V2D654D-MCXXA6 SICK-V2D654D-MCXXA6 Datasheet
902Kb / 9P
   IMAGE-BASED CODE READERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com