Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUD50N03-07 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SUD50N03-07
Description  N-Channel 30-V (D-S) 175C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD50N03-07 Datasheet(HTML) 4 Page - Vishay Siliconix

  SUD50N03-07 Datasheet HTML 1Page - Vishay Siliconix SUD50N03-07 Datasheet HTML 2Page - Vishay Siliconix SUD50N03-07 Datasheet HTML 3Page - Vishay Siliconix SUD50N03-07 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SUD50N03-07
Vishay Siliconix
www.vishay.com
4
Document Number: 70767
S-40272—Rev. E, 23-Feb-04
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.0
0.5
1.0
1.5
2.0
2.5
−50
−25
0
25
50
75
100
125
150
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
TJ − Junction Temperature (_C)
VSD − Source-to-Drain Voltage (V)
100
1
0.3
0.6
0.9
1.2
1.5
VGS = 10 V
ID = 45 A
TJ = 25_C
TJ = 150_C
0
THERMAL RATINGS
0
4
8
12
16
20
24
0
25
50
75
100
125
150
175
Safe Operating Area
VDS − Drain-to-Source Voltage (V)
500
10
0.1
0.1
1
10
100
Limited
by rDS(on)
1
100
TA = 25_C
Single Pulse
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10−4
10−3
10−2
10−1
110
Maximum Drain Current vs.
Ambiemt Temperature
TA − Ambient Temperature (_C)
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
1 ms
10 ms
100 ms
dc
10, 100 ms
1 s
500
100


Similar Part No. - SUD50N03-07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N03-07AP VISHAY-SUD50N03-07AP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. C, 16-Jun-03
logo
Inchange Semiconductor ...
SUD50N03-07AP ISC-SUD50N03-07AP Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - SUD50N03-07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N03-07AP VISHAY-SUD50N03-07AP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. C, 16-Jun-03
SUM85N03-06P VISHAY-SUM85N03-06P Datasheet
89Kb / 6P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 08-Dec-03
SUP75N03-04 VISHAY-SUP75N03-04 Datasheet
41Kb / 4P
   N-Channel 30-V (D-S), 175C MOSFET
Rev. E, 18-Jun-01
SUP75N03-07 VISHAY-SUP75N03-07 Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. D, 27-Mar-00
SUP45N03-13L VISHAY-SUP45N03-13L Datasheet
42Kb / 4P
   N-Channel 30-V (D-S), 175C MOSFET
Rev. F, 29-Oct-01
SUM40N03-30L VISHAY-SUM40N03-30L Datasheet
62Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. A, 24-Jan-05
SUD70N03-04P VISHAY-SUD70N03-04P Datasheet
59Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 03-May-04
SUM85N03-07P VISHAY-SUM85N03-07P Datasheet
47Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. A, 19-May-03
SUM110N03 VISHAY-SUM110N03 Datasheet
41Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. A, 16-Jun-03
SUD50N03-06P VISHAY-SUD50N03-06P Datasheet
53Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 16-Jun-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com