Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0461121201 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0461121201
Description  12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0461121201 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0461121201 Datasheet HTML 1Page - Molex Electronics Ltd. 0461121201 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grounding to PCB
No
Voltage - Maximum
250V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-46114-003
Product Specification
PS-46114-001-001
Sales Drawing
SD-46112-200
This document was generated on 02/28/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0461121201

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0461121203 MOLEX11-0461121203 Datasheet
205Kb / 2P
   LPH CERTICAL RECEPTACLE POWER ASSEMBLY 2 CKT-14 CKT , PRESS-FIT
0461121203 MOLEX1-0461121203_17 Datasheet
34Kb / 2P
   12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical
More results

Similar Description - 0461121201

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0461121203 MOLEX1-0461121203_17 Datasheet
34Kb / 2P
   12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical
0461121401 MOLEX1-0461121401_17 Datasheet
34Kb / 2P
   12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical
0461121003 MOLEX1-0461121003 Datasheet
34Kb / 2P
   12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical
0461121403 MOLEX1-0461121403_17 Datasheet
34Kb / 2P
   12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical
0461121001 MOLEX1-0461121001_17 Datasheet
34Kb / 2P
   12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical
0461148121 MOLEX1-0461148121 Datasheet
69Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 1.27mm, 12.00mm Pitch, EXTreme LPHPower??Receptacle Header, Vertical, BMI GUIDE
0461141228 MOLEX1-0461141228_17 Datasheet
71Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical
0461141016 MOLEX1-0461141016_17 Datasheet
69Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical
0461141212 MOLEX1-0461141212_17 Datasheet
71Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical
0461142320 MOLEX1-0461142320_17 Datasheet
71Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com