Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUD50N03-07-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SUD50N03-07-E3
Description  N-Channel 30-V (D-S) 175C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD50N03-07-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SUD50N03-07-E3 Datasheet HTML 1Page - Vishay Siliconix SUD50N03-07-E3 Datasheet HTML 2Page - Vishay Siliconix SUD50N03-07-E3 Datasheet HTML 3Page - Vishay Siliconix SUD50N03-07-E3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
D TrenchFETr Power MOSFET
D 175_C Maximum Junction Temperature
D 100% Rg Tested
SUD50N03-07
Vishay Siliconix
Document Number: 70767
S-40272—Rev. E, 23-Feb-04
www.vishay.com
1
N-Channel 30-V (D-S) 175_C MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
30
0.007 @ VGS = 10 V
20
30
0.010 @ VGS = 4.5 V
16
D
G
S
N-Channel MOSFET
TO-252
S
GD
Top View
Drain Connected to Tab
Ordering Information:
SUD50N03-07
SUD50N03-07—E3 ( Lead Free)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Currenta
TA = 25_C
ID
20
Continuous Drain Currenta
TA = 100_C
ID
14
A
Pulsed Drain Current
IDM
100
A
Continuous Source Current (Diode Conduction)a
IS
20
Maximum Power Dissipation
TC = 25_C
PD
136
W
Maximum Power Dissipation
TA = 25_C
PD
5a
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
RthJA
30
_C/W
Maximum Junction-to-Case
RthJC
0.85
1.1
_C/W
Notes
a.
Surface Mounted on FR4 Board, t v 10 sec.


Similar Part No. - SUD50N03-07-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N03-07AP VISHAY-SUD50N03-07AP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. C, 16-Jun-03
logo
Inchange Semiconductor ...
SUD50N03-07AP ISC-SUD50N03-07AP Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - SUD50N03-07-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N03-07AP VISHAY-SUD50N03-07AP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. C, 16-Jun-03
SUM85N03-06P VISHAY-SUM85N03-06P Datasheet
89Kb / 6P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 08-Dec-03
SUP75N03-04 VISHAY-SUP75N03-04 Datasheet
41Kb / 4P
   N-Channel 30-V (D-S), 175C MOSFET
Rev. E, 18-Jun-01
SUP75N03-07 VISHAY-SUP75N03-07 Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. D, 27-Mar-00
SUP45N03-13L VISHAY-SUP45N03-13L Datasheet
42Kb / 4P
   N-Channel 30-V (D-S), 175C MOSFET
Rev. F, 29-Oct-01
SUM40N03-30L VISHAY-SUM40N03-30L Datasheet
62Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. A, 24-Jan-05
SUD70N03-04P VISHAY-SUD70N03-04P Datasheet
59Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 03-May-04
SUM85N03-07P VISHAY-SUM85N03-07P Datasheet
47Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. A, 19-May-03
SUM110N03 VISHAY-SUM110N03 Datasheet
41Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. A, 16-Jun-03
SUD50N03-06P VISHAY-SUD50N03-06P Datasheet
53Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 16-Jun-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com