Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-0805CD3N0KTT Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # PE-0805CD3N0KTT
Description  RF Chip Inductors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0805CD3N0KTT Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  PE-0805CD3N0KTT Datasheet HTML 1Page - Pulse A Technitrol Company PE-0805CD3N0KTT Datasheet HTML 2Page - Pulse A Technitrol Company PE-0805CD3N0KTT Datasheet HTML 3Page - Pulse A Technitrol Company PE-0805CD3N0KTT Datasheet HTML 4Page - Pulse A Technitrol Company PE-0805CD3N0KTT Datasheet HTML 5Page - Pulse A Technitrol Company PE-0805CD3N0KTT Datasheet HTML 6Page - Pulse A Technitrol Company PE-0805CD3N0KTT Datasheet HTML 7Page - Pulse A Technitrol Company PE-0805CD3N0KTT Datasheet HTML 8Page - Pulse A Technitrol Company PE-0805CD3N0KTT Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
4
www.pulseelectronics.com
WC701.O (01/15)
Pulse Jack
E l e c t r o n i c s
Wire-Wound rF Chip induCtors
perFormanCe testing
Electrical Testing
Storage and Operating
Temperature Range:
-40� to +125�C
Thermal:
-40� to +85�C
Mechanical Testing
Temperature Range:
Moisture Resistance
Recommended Solder
Heat Resistance Profile
Operating Life
Inductors are subjected to the
Inductors are subjected to the following:
Use a solder pot at 260C, with RMA Flux. Each
termination is immersed in 63Sn/37Pb molten solder
for 4 to 6 seconds.
There shall be no deformation
There shall be no deformation
Inductance shall not change
Inductance shall not change
Q values shall not change
Q values shall not change
There shall be no Damaged,
Inductors are subjected to 30 cycles
Inductors are subjected to
Inductors are subjected to
10 cycles of 24 hours at 70�C with
1000 hours at 85C with 85%
90 to 95% Relative Humidity
Relative Humidity with
extremes for 48 hours.
or change in appearance
or change in appearance
by more than
±5%
by more than
±5%
by more than
±10%
by more than
±10%
Open or Shorted Windings
for 30 minutes at each extreme.
Then tested at 25�C
Then tested at 25�C
Then tested at 25�C
the rated current applied


Similar Part No. - PE-0805CD3N0KTT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0805CD3N0KTT PULSE-PE-0805CD3N0KTT Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
More results

Similar Description - PE-0805CD3N0KTT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0402CD1N0KTG PULSE-PE-0402CD1N0KTG Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B10NCV4T JOHANSON-L-05B10NCV4T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C47NJV4T JOHANSON-L-14C47NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC705 PULSE-WC705 Datasheet
614Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-14WR22JV4E JOHANSON-L-14WR22JV4E Datasheet
692Kb / 6P
   RF WIREWOUND CHIP INDUCTORS
L-07C8N2JV6T JOHANSON-L-07C8N2JV6T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC704 PULSE-WC704 Datasheet
618Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-07C1N0SV6T JOHANSON-L-07C1N0SV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
PE-0402CL PULSE-PE-0402CL Datasheet
1,002Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B15NJV6T JOHANSON-L-05B15NJV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com