Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1728790206 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1728790206
Description  3.96mm Pitch EdgeMate Wire-to-Board Edge Card Connector, Female, Nylon 6,
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1728790206 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1728790206 Datasheet HTML 1Page - Molex Electronics Ltd. 1728790206 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 02/17/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1728790206
Status:
Active
Overview:
EdgeMate™ Wire-to-Edge-Card Power Connector
Description:
3.96mm Pitch EdgeMate™ Wire-to-Board Edge Card Connector, Female, Nylon 6,
Black, UL94-V2, without Lock, Glow Wire Capable, 6 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-172160-0001-001 (PDF)
Agency Certification
UL
E29179
General
Product Family
Edge Card Connectors
Series
172879
Application Tooling Part Link
11-03-0016
Circuit Size Range
1-64 Circuits
Comments
See Product Specification for maximum current rating by
wire AWG and terminal material.
Component Type
Edgecard to Wire
Data Rate
Unrated
Edge Card Thickness
N/A
High Power Bay (30.0A or more)
No
Orientation
Right Angle
Overview
EdgeMate™ Wire-to-Edge-Card Power Connector
Product Name
EdgeMate™
Standard Based
General
UPC
889056377072
Physical
(p)ower-(s)ignal Configuration
6p - 0s
Circuits (Loaded)
6
Circuits (maximum)
6
Color - Resin
Black
Durability (mating cycles max)
25
Entry Angle
90° Angle
Flammability
94V-2
Keying to Mating Part
Yes
Material - Plating Mating
N/A
Material - Resin
Nylon
Net Weight
2.476/g
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.57mm
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.96mm
Polarized to Mating Part
Polarizing Ribs
Temperature Range - Operating
-40°C to +105°C, -40°C to +80°C
Termination Interface: Style
Straddle Mount-Edge Card
Electrical
Current - Maximum per Contact
7.0A
Voltage - Maximum
250V
Solder Process Data
Lead-freeProcess Capability
N/A
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
172879 Series
Mates With
Edge Card PCB
Use With
172160
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Extraction Tool
0011030016


Similar Part No. - 1728790206

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1728790205 MOLEX1-1728790205 Datasheet
57Kb / 2P
   3.96mm Pitch EdgeMate Wire-to-Board Edge Card Connector, Female, Nylon 6
1728790207 MOLEX1-1728790207 Datasheet
57Kb / 2P
   3.96mm Pitch EdgeMate Wire-to-Board Edge Card Connector, Female, Nylon 6
1728790208 MOLEX1-1728790208 Datasheet
57Kb / 2P
   3.96mm Pitch EdgeMate Wire-to-Board Edge Card Connector, Female, Nylon 6
1728790209 MOLEX1-1728790209 Datasheet
57Kb / 2P
   3.96mm Pitch EdgeMate Wire-to-Board Edge Card Connector, Female, Nylon 6
More results

Similar Description - 1728790206

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1728790212 MOLEX1-1728790212 Datasheet
57Kb / 2P
   3.96mm Pitch EdgeMate Wire-to-Board Edge Card Connector, Female, Nylon 6
1728790208 MOLEX1-1728790208 Datasheet
57Kb / 2P
   3.96mm Pitch EdgeMate Wire-to-Board Edge Card Connector, Female, Nylon 6
1728790210 MOLEX1-1728790210 Datasheet
57Kb / 2P
   3.96mm Pitch EdgeMate Wire-to-Board Edge Card Connector, Female, Nylon 6
1728790205 MOLEX1-1728790205 Datasheet
57Kb / 2P
   3.96mm Pitch EdgeMate Wire-to-Board Edge Card Connector, Female, Nylon 6
1728790004 MOLEX1-1728790004 Datasheet
57Kb / 2P
   3.96mm Pitch EdgeMate Wire-to-Board Edge Card Connector, Female, Nylon 6
1728790209 MOLEX1-1728790209 Datasheet
57Kb / 2P
   3.96mm Pitch EdgeMate Wire-to-Board Edge Card Connector, Female, Nylon 6
1728790003 MOLEX1-1728790003 Datasheet
57Kb / 2P
   3.96mm Pitch EdgeMate Wire-to-Board Edge Card Connector, Female, Nylon 6,
1728790207 MOLEX1-1728790207 Datasheet
57Kb / 2P
   3.96mm Pitch EdgeMate Wire-to-Board Edge Card Connector, Female, Nylon 6
1728790211 MOLEX1-1728790211 Datasheet
57Kb / 2P
   3.96mm Pitch EdgeMate Wire-to-Board Edge Card Connector, Female, Nylon 6
1721590209 MOLEX1-1721590209 Datasheet
55Kb / 2P
   3.96mm Pitch EdgeMate Wire-to-Board Edge Card Connector, Female, Nylon
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com