Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T6818-TUS Datasheet(PDF) 10 Page - ATMEL Corporation

Part # T6818-TUS
Description  Triple Halfbridge DMOS OUTPUT DRIVER WITH SERIAL INPUT CONTROL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T6818-TUS Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button T6818-TUS Datasheet HTML 6Page - ATMEL Corporation T6818-TUS Datasheet HTML 7Page - ATMEL Corporation T6818-TUS Datasheet HTML 8Page - ATMEL Corporation T6818-TUS Datasheet HTML 9Page - ATMEL Corporation T6818-TUS Datasheet HTML 10Page - ATMEL Corporation T6818-TUS Datasheet HTML 11Page - ATMEL Corporation T6818-TUS Datasheet HTML 12Page - ATMEL Corporation T6818-TUS Datasheet HTML 13Page - ATMEL Corporation T6818-TUS Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
T6818/T6828
4530C–BCD–11/03
4.16
Low-side output switch
off delay
(1)
V
VS = 13 V
RLoad = 30 W
t
doff
3µs
A
4.17
Dead time between
corresponding high-
and low-side switches
VVS = 13 V
R
Load = 30 W
t
don - tdoff
1
µs
A
5
Logic Inputs DI, CLK, CS, INH
5.1
Input voltage low-level
threshold
4-6, 10
V
IL
0.3
´
V
VCC
V
A
5.2
Input voltage high-level
threshold
4-6, 10
VIH
0.7
´
V
VCC
V
A
5.3
Hysteresis of input
voltage
4-6, 10
DV
I
50
700
mV
B
5.4
Pull-down current pin
DI, CLK, INH
V
DI, VCLK, VINH = VCC
5, 6, 10
I
PD
10
65
µA
A
5.5
Pull-up current
Pin CS
VCS = 0 V
4
IPU
-65
-10
µA
A
6
Serial Interface – Logic Output DO
6.1
Output-voltage low level I
DOL = 2 mA
9
V
DOL
0.4
V
A
6.2
Output-voltage high
level
I
DOL = -2 mA
9
V
DOH
V
VCC -
0.7 V
V
A
6.3
Leakage current
(tristate)
V
CS = VCC
0V < V
DO < VVCC
9
I
DO
-10
10
µA
A
7
Inhibit Input - Timing
7.1
Delay time from
standby to normal
operation
t
dINH
100
µs
A
Electrical Characteristics (Continued)
7.5 V < V
VS < 40 V; 4.75 V < VVCC < 5.25 V; INH = High; -40°C < Tj < 150°C; unless otherwise specified, all values refer to GND pins.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Delay time between rising edge of input signal at pin CS after data transmission and switch on output stages to 90% of final
level. Device not in standby for t > 1 ms


Similar Part No. - T6818-TUS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6818-TUSY ATMEL-T6818-TUSY Datasheet
319Kb / 16P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
T6818-TUSY ATMEL-T6818-TUSY Datasheet
577Kb / 15P
   Triple Half bridge Output Driver with Serial Input Control
More results

Similar Description - T6818-TUS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6818 ATMEL-T6818_05 Datasheet
319Kb / 16P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
ATA6826 ATMEL-ATA6826 Datasheet
262Kb / 15P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817 Datasheet
184Kb / 15P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819_05 Datasheet
333Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_09 Datasheet
398Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
ATA6829 ATMEL-ATA6829_09 Datasheet
640Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819 Datasheet
251Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_05 Datasheet
310Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_07 Datasheet
353Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
ATA6826 ATMEL-ATA6826_07 Datasheet
359Kb / 15P
   Triple Half-bridge DMOS Output Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com