Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S0603-47NJ Datasheet(PDF) 1 Page - API Delevan

Part # S0603-47NJ
Description  Hi-Rel Surface Mount Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

S0603-47NJ Datasheet(HTML) 1 Page - API Delevan

  S0603-47NJ Datasheet HTML 1Page - API Delevan S0603-47NJ Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual Size (Max.)
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
S0603
SERIES
6000
5800
4800
4800
4000
3000
2300
2200
2000
1900
1700
1700
1400
1300
1200
900
250
250
250
250
250
250
250
250
200
200
200
150
150
100
100
100
18
18
24
28
32
35
37
37
35
35
34
34
31
29
22
22
3.3
5.6
8.2
10.0
15.0
22.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
150.0
220.0
270.0
700
700
700
700
700
700
600
600
600
600
600
400
400
280
250
200
SERIES S0603
-3N3J
-5N6J
-8N2J
-10NJ
-15NJ
-22NJ
-33NJ
-39NJ
-47NJ
-56NJ
-68NJ
-82NJ
-101NJ
-151NJ
-221NJ
-271NJ
0.100
0.190
0.150
0.160
0.200
0.220
0.250
0.280
0.310
0.340
0.370
0.570
0.610
0.980
1.700
2.200
Hi-Rel Surface Mount
Chip Inductors
3/2012
Inductance Tolerance Options H (± 3%), G (± 2%), F (± 1%)
Physical Parameters
Inches
Millimeters
D
0.011 - 0.010
0.279 - 0.381
A
0.058 - 0.062
1.473 -1.575
B
0.028 - 0.035
0.711 - 0.889
C
0.040 Max.
1.016 Max.
Operating Temperature Range –55°C to +125°C
Current Rating at 90°C Ambient +35°C Rise
Insulation Resistance at 100 Vdc 1000 Mohm Min.
Dielectric Withstanding Voltage (DWV) 200 Vrms.
Core Material / Termination
Al2 O3 / Sintered MoMn / Electroplated Ni /
Electroplated Au Finish (RoHS)
Termination Options: 1. Au Finish (RoHS)
2. SnPb Solder
3. Pb Free Solder (RoHS)
Electrical Characteristics Measured at +25°C
Ordering Option Code
S
C
B
D
E
Screening Level
MIL-STD-981
MIL-STD-981
MIL-STD-981
MIL-STD-981
High
Class “S”
Class “S” Modified
Class “B”
Class “B” Modified
Temp
Test
Method
Thermal Shock
MIL-PRF-83446
25 Cycles 1/
25 Cycles
25 Cycles 1/
25 Cycles
5 Cycles
(-55°C to +125°C)
(-55°C to +125°C)
(-55°C to +125°C)
(-55°C to +125°C)
(-55°C to +175°C)
No-Load Burn-In
MIL-STD-981
125°C (96 hours)
125°C (96 hours)
125°C (96 hours)
125°C (96 hours)
200°C (96 hours)
Dielectric Withstanding Voltage
MIL-PRF-83446
200 Vrms
200 Vrms
Insulation Resistance
MIL-PRF-83446
1000 Mohms
1000 Mohms
Electrical Characteristics: L, Q, DCR, SRF
MIL-PRF-83446
Radiographic Inspection
MIL-STD-981
Visual & Dimensional Examination (external)
MIL-PRF-83446
Electrical Characteristics (initial): L, Q, DCR, SRF
MIL-PRF-83446
Low Temperature Operation
MIL-PRF-83446
Temperature Rise
MIL-PRF-83446
Overload
MIL-PRF-83446
Moisture Resistance
MIL-PRF-83446
Electrical Characteristics: L and Q
MIL-PRF-83446
High Temperature Exposure
MIL-PRF-83446
Electrical Characteristics (final)
MIL-PRF-83446
Bond Strength
MIL-PRF-83446
Visual & Mechanical Examination (external)
MIL-PRF-83446
Visual & Mechanical Examination (internal)
MIL-STD-981
Solderability
MIL-PRF-83446
Electrical Characteristics (initial): L, Q, DCR, SRF
MIL-PRF-83446
Life
MIL-PRF-83446
2000 Hours
500 Hours
500 Hours
(90°C Ambient)
(90°C Ambient)
(175°C Ambient)
Dielectric Withstanding Voltage
MIL-PRF-83446
80 Vrms
80 Vrms
Insulation Resistance
MIL-PRF-83446
1000 Mohms
1000 Mohms
Electrical Characteristics (final): L, Q, DCR, SRF
MIL-PRF-83446
Visual & Mechanical Examination (external)
MIL-PRF-83446
Mechanical Shock/Vibration
MIL-STD-883
*Destructive Test Units Required
S0603 Test Plan Advantages
• Provides multiple screening alternatives
• Eliminates necessity for SCD’s
• Provides quicker delivery
• Reduces overall costs
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
(A) Inductor Series
(B) Inductance Value
(C) Inductance Tolerance
(D) Termination Finish
(E) Test Plan Screening
How To Order:
S0603 101N
J
1
C
(A)
(B)
(C) (D) (E)
S0603 Test Plan Options
1/ Continually monitor continuity during the entire final cycle to verify no intermittent conditions.
0603:APIcatalog_newlayouts 4/5/12 5:51 PM Page 1


Similar Part No. - S0603-47NJ

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
S0603F GOOD-ARK-S0603F Datasheet
169Kb / 4P
   Chip Fuse
S0603F1 GOOD-ARK-S0603F1 Datasheet
169Kb / 4P
   Chip Fuse
S0603F1.25 GOOD-ARK-S0603F1.25 Datasheet
169Kb / 4P
   Chip Fuse
S0603F1.5 GOOD-ARK-S0603F1.5 Datasheet
169Kb / 4P
   Chip Fuse
S0603F1.75 GOOD-ARK-S0603F1.75 Datasheet
169Kb / 4P
   Chip Fuse
More results

Similar Description - S0603-47NJ

ManufacturerPart #DatasheetDescription
logo
API Delevan
S0402 API-S0402 Datasheet
1Mb / 2P
   Hi-Rel Surface Mount Chip Inductors
logo
Vishay Siliconix
T56 VISHAY-T56_V01 Datasheet
658Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, Hi-Rel COTS
01-Jan-2023
logo
Vectron International, ...
C499 VECTRON-C499 Datasheet
207Kb / 15P
   Hi-Rel Standard OCXO
logo
RENCO ELECTRONICS, INC.
RL-2525 RENCO-RL-2525 Datasheet
1Mb / 2P
   SURFACE MOUNT CHIP INDUCTORS
logo
List of Unclassifed Man...
SMC1210 ETC1-SMC1210 Datasheet
17Kb / 1P
   Surface Mount Chip Inductors
logo
RENCO ELECTRONICS, INC.
RL-2515 RENCO-RL-2515 Datasheet
1Mb / 2P
   SURFACE MOUNT CHIP INDUCTORS
RL-2505 RENCO-RL-2505 Datasheet
220Kb / 2P
   SURFACE MOUNT CHIP INDUCTORS
logo
OptoDiode Corp
OD-880WJ OPTODIODE-OD-880WJ Datasheet
255Kb / 2P
   HI-REL GaAlAs IR EMITTERS
logo
OPTEK Technologies
OPI120TX OPTEK-OPI120TX Datasheet
242Kb / 2P
   Hi-Rel Optically Coupled Isolator
OPB847TX OPTEK-OPB847TX Datasheet
249Kb / 2P
   Hi-Rel Slotted Optical Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com