Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T6828-TUQ Datasheet(PDF) 3 Page - ATMEL Corporation

Part # T6828-TUQ
Description  Triple Halfbridge DMOS OUTPUT DRIVER WITH SERIAL INPUT CONTROL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T6828-TUQ Datasheet(HTML) 3 Page - ATMEL Corporation

  T6828-TUQ Datasheet HTML 1Page - ATMEL Corporation T6828-TUQ Datasheet HTML 2Page - ATMEL Corporation T6828-TUQ Datasheet HTML 3Page - ATMEL Corporation T6828-TUQ Datasheet HTML 4Page - ATMEL Corporation T6828-TUQ Datasheet HTML 5Page - ATMEL Corporation T6828-TUQ Datasheet HTML 6Page - ATMEL Corporation T6828-TUQ Datasheet HTML 7Page - ATMEL Corporation T6828-TUQ Datasheet HTML 8Page - ATMEL Corporation T6828-TUQ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
T6818/T6828
4530C–BCD–11/03
Pin Configuration
Figure 2. Pining SO14
GND
OUT3
VS
CS
DI
CLK
GND
GND
OUT1
OUT2
VCC
INH
DO
GND
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Pin Description
Pin
Symbol
Function
1GND
T6818: ground; reference potential; internal connection to pin 7, 8 and 14; cooling tab
T6828: additional connection to heat slug
2
OUT3
Half-bridge output 3; formed by internally connected power MOS high-side switch 3 and low-side switch 3
with internal reverse diodes; short circuit protection; overtemperature protection; diagnosis for short and
open load
3
VS
Power supply for output stages OUT1, OUT2 and OUT3, internal supply
4
CS
Chip select input; 5-V CMOS logic level input with internal pull up;
low = serial communication is enabled, high = disabled
5
DI
Serial data input; 5-V CMOS logic level input with internal pull down; receives serial data from the control
device; DI expects a 16-bit control word with LSB being transferred first
6
CLK
Serial clock input; 5-V CMOS logic level input with internal pull down;
controls serial data input interface and internal shift register (f
max = 2 MHz)
7
GND
Ground; see pin 1
8
GND
Ground; see pin 1
9
DO
Serial data output; 5-V CMOS logic level tristate output for output (status) register data; sends 16-bit
status information to the microcontroller (LSB is transferred first); output will remain tristated unless
device is selected by CS = low, therefore, several ICs can operate on one data output line only.
10
INH
Inhibit input; 5-V logic input with internal pull down; low = standby,
high = normal operation
11
VCC
Logic supply voltage (5 V)
12
OUT2
Half-bridge output 2; see pin 2
13
OUT1
Half-bridge output 1; see pin 2
14
GND
Ground; see pin 1


Similar Part No. - T6828-TUQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6829 ATMEL-T6829 Datasheet
251Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6829-TBQ ATMEL-T6829-TBQ Datasheet
251Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6829-TBS ATMEL-T6829-TBS Datasheet
251Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
More results

Similar Description - T6828-TUQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6818 ATMEL-T6818_05 Datasheet
319Kb / 16P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
ATA6826 ATMEL-ATA6826 Datasheet
262Kb / 15P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817 Datasheet
184Kb / 15P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819_05 Datasheet
333Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_09 Datasheet
398Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
ATA6829 ATMEL-ATA6829_09 Datasheet
640Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819 Datasheet
251Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_05 Datasheet
310Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_07 Datasheet
353Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
ATA6826 ATMEL-ATA6826_07 Datasheet
359Kb / 15P
   Triple Half-bridge DMOS Output Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com