Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03K101-K015 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 03K101-K015
Description  RPC-3.50 Airline Jack / Jack
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

03K101-K015 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  03K101-K015 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03K101-K015 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03K101-K015 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
RPC-3.50
Airline Jack / Jack
03K101-K015
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 3
Electrical data
Insertion loss
 0.10 dB at 26.5 GHz
Mechanical data
Mating cycles
≥ 500
Maximum torque
1.70 Nm
Recommended torque
0.90 Nm
Airline dimensions at 23 °C:
- Diameter outer conductor
3.500 mm ± 0.005 mm
- Diameter inner conductor
1.520 mm ± 0.005 mm
- Length outer conductor
15.00 mm + 0.02 mm
- Length inner conductor
15.00 mm - 0.02 mm
- Length difference
≤ 0.04 mm
(outer conductor – inner conductor)
Calculated data (non warranted)
Lossless characteristic impedance
1
50 Ω ± 0.35 Ω
Return loss
2
≥ 40 dB, 0.3 GHz to 4 GHz
≥ 38 dB, 4 GHz to 8 GHz
≥ 35 dB, 8 GHz to 26.5 GHz
1.
The lossless characteristic impedance is calculated from the specified diameters of the inner and outer conductor.
2.
The return loss is calculated from the characteristic impedance, the skin depth and the connector interface.
General standard definitions
For proper work the vector network analyzer (VNA) used needs a model describing the electrical behaviour
of this calibration standard. Depending on the VNA type different models, units and terms are used
and have to be entered into the VNA. All values are based on typical geometry and plating.
- Offset Zo / Impedance / Zo
50 Ω
- Offset Delay
50.084 ps
- Length (electrical) / Offset Length
15.015 mm
- Offset Loss
3.00 GΩ/s
- Loss
0.0131 dB/ GHz
Environmental data
Operating temperature range
3
+20 °C to +26 °C
Storage temperature range
0 °C to +50 °C
RoHS
compliant
3.
This range is a recommendation. However, the airline can be used in a wider range.
Any temperature change from 23 °C results in dimensional changes.


Similar Part No. - 03K101-K015

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03K101-K020 ROSENBERGER-03K101-K020 Datasheet
84Kb / 3P
   RPC-3.50 Airline Jack / Jack
03K101-K038 ROSENBERGER-03K101-K038 Datasheet
85Kb / 3P
   RPC-3.50 Airline Jack / Jack
More results

Similar Description - 03K101-K015

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03K101-K020 ROSENBERGER-03K101-K020 Datasheet
84Kb / 3P
   RPC-3.50 Airline Jack / Jack
03K101-K038 ROSENBERGER-03K101-K038 Datasheet
85Kb / 3P
   RPC-3.50 Airline Jack / Jack
03S101-K020 ROSENBERGER-03S101-K020 Datasheet
242Kb / 3P
   RPC-3.50 Airline Plug / Jack
03S101-K038 ROSENBERGER-03S101-K038 Datasheet
245Kb / 3P
   RPC-3.50 Airline Plug / Jack
03S101-K015 ROSENBERGER-03S101-K015 Datasheet
236Kb / 3P
   RPC-3.50 Airline Plug / Jack
03S101-K100 ROSENBERGER-03S101-K100 Datasheet
256Kb / 3P
   RPC-3.50 Airline Plug / Jack
03K101-K100 ROSENBERGER-03K101-K100 Datasheet
151Kb / 3P
   RPC-3.5 Airline Jack
03K121-271S3 ROSENBERGER-03K121-271S3 Datasheet
184Kb / 2P
   RPC-3.50 STRAIGHT JACK
03K121-272S3 ROSENBERGER-03K121-272S3 Datasheet
182Kb / 2P
   RPC-3.50 STRAIGHT JACK
03K17R-001D3 ROSENBERGER-03K17R-001D3 Datasheet
524Kb / 2P
   RPC-3.50 Termination JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com