Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210C471JDGACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1210C471JDGACTU
Description  Ceramic, Commercial-(CxxxxC), 470 pF, 5%, 1,000 V, 1210, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C471JDGACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1210C471JDGACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 8e526768-0b1c-47a6-a663-66d3f7b3bf37
KEMET Part Number: C1210C471JDGACTU
(C1210C471JDGAC7800)
Ceramic, Commercial-(CxxxxC), 470 pF, 5%, 1,000 V, 1210, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Dimensions
L
3.2mm +/-0.2mm
W
2.5mm +/-0.2mm
T
1.7mm +/-0.20mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 1210
Description: SMD, MLCC, Ultra-Stable, Low
Loss, Class I
Features: Ultra-Stable, Low Loss, Class I
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Specifications
Capacitance: 470 pF
Capacitance Tolerance: 5%
Voltage DC: 1000 VDC
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
Dielectric Strength: 1,200 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1210C471JDGACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C471JDGACAUTO KEMET-C1210C471JDGACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G HV, Ceramic, 470 pF, 5%, 1,000 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1210
More results

Similar Description - C1210C471JDGACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C102JDGACTU KEMET-C1210C102JDGACTU Datasheet
70Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1000 pF, 5%, 1,000 V, 1210, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1210C471JGGACTU KEMET-C1210C471JGGACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 470 pF, 5%, 2,000 V, 1210, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1210C681JDGACTU KEMET-C1210C681JDGACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 680 pF, 5%, 1,000 V, 1210, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1206C100JDGACTU KEMET-C1206C100JDGACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 pF, 5%, 1,000 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C470JDGACTU KEMET-C0805C470JDGACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 47 pF, 5%, 1,000 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1206C221JDGACTU KEMET-C1206C221JDGACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 220 pF, 5%, 1,000 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1206C101JDGACTU KEMET-C1206C101JDGACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 pF, 5%, 1,000 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C2220C472JDGACTU KEMET-C2220C472JDGACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4700 pF, 5%, 1,000 V, 2220, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C121JDGACTU KEMET-C0805C121JDGACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 120 pF, 5%, 1,000 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1812C102JDGACTU KEMET-C1812C102JDGACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1000 pF, 5%, 1,000 V, 1812, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com