Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-1008CM151JTT Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PE-1008CM151JTT
Description  RF Chip Inductors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-1008CM151JTT Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PE-1008CM151JTT Datasheet HTML 1Page - Pulse A Technitrol Company PE-1008CM151JTT Datasheet HTML 2Page - Pulse A Technitrol Company PE-1008CM151JTT Datasheet HTML 3Page - Pulse A Technitrol Company PE-1008CM151JTT Datasheet HTML 4Page - Pulse A Technitrol Company PE-1008CM151JTT Datasheet HTML 5Page - Pulse A Technitrol Company PE-1008CM151JTT Datasheet HTML 6Page - Pulse A Technitrol Company PE-1008CM151JTT Datasheet HTML 7Page - Pulse A Technitrol Company PE-1008CM151JTT Datasheet HTML 8Page - Pulse A Technitrol Company PE-1008CM151JTT Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
2
www.pulseelectronics.com
WC701.O (01/15)
Pulse Jack
E l e c t r o n i c s
PE
0805 CD
121 K T T
Wire-Wound rF Chip induCtors
PACKAGE STYLE
(0402, 0603, 0805, 1008, or 1206)
INDUCTANCE (
μH)
Representative of
the inductance value
CORE MATERIAL
C = Ceramic (Alumina)
CQ = High Q
CD = Standard range
FT = Ferrite
CM = Alternative performance/inductance to CD
TERMINATION
T = Gold or Tin plating (Gold plating is
priority)
G = Gold plating only
S = Tin plating only
TOLERANCE
G =
±2%
K =
±10%
J =
±5%
part number legend
Size
0402 0603 0805
1008 1206
PCs/Reel 3000 2000 2000 1600 3000
PACKAGING (T = Tape & Reel: 7" or
13" reel)


Similar Part No. - PE-1008CM151JTT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-1008CM151KTT PULSE-PE-1008CM151KTT Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
More results

Similar Description - PE-1008CM151JTT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0402CD1N0KTG PULSE-PE-0402CD1N0KTG Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B10NCV4T JOHANSON-L-05B10NCV4T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C47NJV4T JOHANSON-L-14C47NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC705 PULSE-WC705 Datasheet
614Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-14WR22JV4E JOHANSON-L-14WR22JV4E Datasheet
692Kb / 6P
   RF WIREWOUND CHIP INDUCTORS
L-07C8N2JV6T JOHANSON-L-07C8N2JV6T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC704 PULSE-WC704 Datasheet
618Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-07C1N0SV6T JOHANSON-L-07C1N0SV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
PE-0402CL PULSE-PE-0402CL Datasheet
1,002Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B15NJV6T JOHANSON-L-05B15NJV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com