Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P409QM473M250AH470 Datasheet(PDF) 2 Page - Kemet Corporation

Part # P409QM473M250AH470
Description  PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

P409QM473M250AH470 Datasheet(HTML) 2 Page - Kemet Corporation

  P409QM473M250AH470 Datasheet HTML 1Page - Kemet Corporation P409QM473M250AH470 Datasheet HTML 2Page - Kemet Corporation P409QM473M250AH470 Datasheet HTML 3Page - Kemet Corporation P409QM473M250AH470 Datasheet HTML 4Page - Kemet Corporation P409QM473M250AH470 Datasheet HTML 5Page - Kemet Corporation P409QM473M250AH470 Datasheet HTML 6Page - Kemet Corporation P409QM473M250AH470 Datasheet HTML 7Page - Kemet Corporation P409QM473M250AH470 Datasheet HTML 8Page - Kemet Corporation P409QM473M250AH470 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3025_PMR209 • 5/15/2015
2
Film Capacitors
AC Line EMI Suppression and RC Networks – PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
Ordering Options Table
Lead
Spacing
Nominal
(mm)
Type of Leads and Packaging
Lead Length
(mm)
KEMET
Lead and
Packaging
Code
Legacy
Lead and
Packaging
Code
15.2
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
6+0/-1
C
R06
Bulk (Bag) – Max Length Leads
30+5/-0
A
R30
Tape & Reel (Standard Reel)
H
0=18.5+/-0.5
L
R19T0
Other Lead and Packaging Options
Tape & Reel (Large Reel)
H
0=18.5+/-0.5
P
R19T1
20.3
Standard Lead and Packaging Options
Bulk (Tray) – Short Leads
6+0/-1
C
R06
Bulk (Bag) – Max Length Leads
30+5/-0
A
R30
Tape & Reel (Standard Reel)
H
0=18.5+/-0.5
L
R19T0
Other Lead and Packaging Options
Tape & Reel (Large Reel)
H
0=18.5+/-0.5
P
R19T1
25.4
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
6+0/-1
C
R06
Bulk (Tray) – Max Length Leads
30+5/-0
A
R30
Dimensions – Millimeters
L
B
FRONT VIEW
SIDE VIEW
H
LL
p
d
Size Code
p
B
H
L
d
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
QM
15.2
+/-0.4
7.3
Maximum
13.0
Maximum
18.5
Maximum
0.8
+/-0.05
CE
20.3
+/-0.4
7.6
Maximum
14.0
Maximum
24.0
Maximum
0.8
+/-0.05
CP
20.3
+/-0.4
11.3
Maximum
16.5
Maximum
24.0
Maximum
0.8
+/-0.05
EJ
25.4
+/-0.4
12.1
Maximum
19.0
Maximum
30.5
Maximum
1.0
+/-0.05
EL
25.4
+/-0.4
15.3
Maximum
22.0
Maximum
30.5
Maximum
1.0
+/-0.05
Note: See Ordering Options Table for lead length (LL) options.


Similar Part No. - P409QM473M250AH470

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
P409QM473M275AH101 KEMET-P409QM473M275AH101 Datasheet
53Kb / 1P
   Film, Metallized Paper, Resistor/Capacitor, P409, 0.047 uF, 20%, 630 V, 85C, Lead Spacing = 15.2mm
P409QM473M275AH470 KEMET-P409QM473M275AH470 Datasheet
53Kb / 1P
   Film, Metallized Paper, Resistor/Capacitor, P409, 0.047 uF, 20%, 630 V, 85C, Lead Spacing = 15.2mm
More results

Similar Description - P409QM473M250AH470

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
PME271Y410MR30 KEMET-PME271Y410MR30 Datasheet
1Mb / 13P
   PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
P277QE103M300A KEMET-P277QE103M300A Datasheet
1Mb / 13P
   PME271E Series Metallized Impregnated Paper, Class X1, 300 VAC
P295BE471M500A KEMET-P295BE471M500A Datasheet
516Kb / 10P
   P295 Series Metallized Impregnated Paper, Class Y1, 500 VAC
P278HE102M480A KEMET-P278HE102M480A Datasheet
2Mb / 12P
   P278 Series Metallized Impregnated Paper, Class X1, 480 VAC
PZB300MC11R30 KEMET-PZB300MC11R30 Datasheet
361Kb / 8P
   PZB300 Series Metallized Impregnated Paper, 275 VAC Delta Configuration X2 2x Y2
SMP253 KEMET-SMP253 Datasheet
1Mb / 8P
   Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 250 VAC Surface Mount Device
11/2/2020
PME271YA4100MR30 KEMET-PME271YA4100MR30_17 Datasheet
1Mb / 14P
   PME271Y A?밇 Series Metallized Impregnated Paper, Class Y2, 300 VAC
logo
List of Unclassifed Man...
PME264 ETC1-PME264 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com