Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMR209MC6220M068R30 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PMR209MC6220M068R30
Description  RC unit, class X2, metallized paper with integrated resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PMR209MC6220M068R30 Datasheet(HTML) 1 Page - Kemet Corporation

  PMR209MC6220M068R30 Datasheet HTML 1Page - Kemet Corporation PMR209MC6220M068R30 Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RoHS
Compliant
250 VAC 50/60 Hz, 630 VDC
0.047 – 0.47 µF
± 20%
22 – 470
± 30%
1000 V
–40 to +85°C
40/085/56/B
ENEC, UL
The series resistance is defined at 1 kHz for RC
≥ 50 µs
and at 100 kHz for RC
< 50 µs.
≥ 3000 MΩ for C ≤ 0.33 µF
≥ 1000 s for C > 0.33 µF
Measured at 500 VDC after 60 s, +23°C
Max 12 A repetitive. Max 20 A peak for occasional
transients.
The 100% screening factory test is carried out at 1800
VDC. The voltage level is selected to meet the requirements
in applicable equipment standards. All electrical
characteristics are checked after the test.
Recommended voltage
≤ 630 VDC.
The average losses may reach 0.5 W provided the surface
temperature does not exceed + 85°C. For max. permitted
power dissipation vs temperature, see derating curves.
Curve
Dimensions
1
B = 7.3
2
B = 7.6
3
B = 11.3
4
B = 15.3
pmR209
• rc unit, class x2, metallized paper with integrated resistor
• 0.047 – 0.47 µf, 22 – 470
Ω, 250 vac, +85 °c
tYpiCaL appLiCations
ConstRuCtion
tECHniCaL data
RC unit for use in DC and AC applications
for:
– contact protection
– interference suppression of contacts
– transient suppression
Single layer metallized paper. Encapsulated
and impregnated in self-extinguishing
material meeting the requirements of UL
94V-0. The resistance in the metal layer
is utilized as series resistance, integrated
resistor.
rated voltage
capacitance range
capacitance tolerance
resistance range
resistance tolerance
Peak pulse voltage
temperature range
climatic category
approvals
series resistance
insulation resistance
Pulse current
test voltage between
terminals
in dc applications
Power ratings
vibration
IEC 60068-2-6, Test Fc
3 directions at 2 hour each
No visible damage, No open or short circuit
10 – 500 Hz at 0.75 mm or 98 m/s2
Bump
IEC 60068-2-29, Test Eb
4000 bumps at 390 m/s2
No visible damage, No open or short circuit
solderability
IEC 60068-2-20, Test Ta
Solder globule method
Wetting time for d
≤ 0.8 < 1 s
for d > 0.8 < 1.5 s
active flammability
EN/IEC 60384-14:2005
Passive flammability EN/IEC 60384-14:2005
humidity
IEC 60068-2-3, Test Ca
+40°C and 90 – 95% R.H.
56 days
• Small dimensions
• Excellent self-healing properties.
Ensures long life even when subjected to
frequent overvoltages.
• High dU/dt capability.
• Self-extinguishing encapsulation.
• Good resistance to ionisation due to
impregnated dielectric.
L
B
p
± 0.5
∅ d
l: standard: 30 +5/-0 mm (code R30)
option 1: short leads, tolerance +0/-1 mm
(standard 6 mm, code R06)
Other lead lengths on request
option 2: 30 mm insulated solid leads,
ordering code: replace R30
with R300PS in std P/N
C
R
40
Tamb
50
60
70
80
85
°C
0.5
Pmax
W
0
1
2
3
Maximum allowable power dissipation vs
ambient temperature and case sizes.
4
d = 0.8 for p = 15.2 and 20.3
1.0 for p = 25.4
• The impregnated paper ensures
excellent stability giving outstanding
reliability properties, especially in
applications having continuous
operation.
EnViRonmEntaL tEst data


Similar Part No. - PMR209MC6220M068R30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMR209MC6220M068R30 ETC1-PMR209MC6220M068R30 Datasheet
43Kb / 2P
   RC unit, class X2, metallized paper with integrated resistor
More results

Similar Description - PMR209MC6220M068R30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMR209 ETC1-PMR209 Datasheet
43Kb / 2P
   RC unit, class X2, metallized paper with integrated resistor
PMR210 ETC-PMR210 Datasheet
48Kb / 2P
   RC unit, class X1, metallized paper with integrated resistor
PMR205 ETC-PMR205 Datasheet
42Kb / 2P
   RC unit, metallized paper with integrated resistor
PME264 ETC1-PME264 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PME285 ETC2-PME285 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
logo
Kemet Corporation
PMR209MB5470M047R30 KEMET-PMR209MB5470M047R30 Datasheet
2Mb / 13P
   PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
logo
List of Unclassifed Man...
PME271M ETC2-PME271M Datasheet
55Kb / 3P
   EMI suppressor, classes X1 and X2, metallized paper
PME278 ETC-PME278 Datasheet
47Kb / 2P
   EMI suppressor, class X1, metallized paper
PME294 ETC-PME294 Datasheet
48Kb / 2P
   EMI suppressor, class Y1, metallized paper
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com