Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML620Q131B Datasheet(PDF) 9 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q131B
Description  16-bit micro controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q131B Datasheet(HTML) 9 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q131B Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML620Q131B Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML620Q131B Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML620Q131B Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML620Q131B Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML620Q131B Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML620Q131B Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML620Q131B Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML620Q131B Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
FEDL620Q130B-01
ML620Q131B/2B/3B/4B/5B/6B
9/34
Pin Layout of ML620Q134B/ML620Q135B/ML620Q136B 20pin TSSOP Package
Figure 4 Pin Layout of ML620Q134B/ML620Q135B/ML620Q136B 20pin TSSOP Package
RESET_N
TEST1_N
PB3 /
OSC1 / CMP0NOUT
PA2 / EXI2 / TEST0
PB6 / AIN4 / RXD1
LSCLK / TMFOUT / SDA
10
9
8
7
4
3
2
1
PB2 /
OSC0 / CMP0POUT
PB1 / EXI5 / AIN3 /
TXD1 / TXD0 / CMP0OUT
PB0 / EXI4 / AIN2 / RXD0 /
PWMC / SCL / CMP1OUT / DUTI
11
12
13
14
17
18
19
20
PA0 / LED0 / EXI0 / AIN0 / RXD1 /
PWMC / OUTCLK / SDA
PB7 / LED1 / AIN5 /
TXD1 / SCL / PWMC/DUTI
VDD
VSS
VDDL
PB5 / RXD0 / CMP0M
OUTCLK / TMJOUT / SCK0
PB4 / CMP0P /
TXD1 / TXD0 / SIN0
PA1 / EXI1 / AIN1 / CMP1P /
LSCLK / SOUT0
6
5
15
16
PA3 / AIN6 /
SDA
PA5 /
SCK0 / SCL
PA4 / AIN7 /
SIN0
PA6 /
SOUT0


Similar Part No. - ML620Q131B

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML620Q131 LAPIS-ML620Q131 Datasheet
482Kb / 33P
   16-bit micro controller
More results

Similar Description - ML620Q131B

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML620Q151A LAPIS-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
List of Unclassifed Man...
ML620Q151A ETC2-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Rohm
FEDL62Q2700 ROHM-FEDL62Q2700 Datasheet
3Mb / 55P
   16-bit micro controller
Feb 17, 2023
logo
LAPIS Semiconductor Co....
ML620Q151B LAPIS-ML620Q151B Datasheet
825Kb / 36P
   16-bit micro controller
ML620Q131 LAPIS-ML620Q131 Datasheet
482Kb / 33P
   16-bit micro controller
logo
Rohm
FEDL62Q2500 ROHM-FEDL62Q2500 Datasheet
1Mb / 40P
   16-bit micro controller
ML620Q151A ROHM-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com