Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML620Q151B Datasheet(PDF) 4 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q151B
Description  16-bit micro controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q151B Datasheet(HTML) 4 Page - LAPIS Semiconductor Co., Ltd.

  ML620Q151B Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML620Q151B Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML620Q151B Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML620Q151B Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML620Q151B Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML620Q151B Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML620Q151B Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML620Q151B Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML620Q151B Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
FEDL620Q150B-01
ML620Q151B/2B/3B/4B/5B/6B/7B/8B/9B
4/36
• Package
Product
Package
ML620Q151B/ML620Q152B/ML620Q153B
48pinTQFP (P-TQFP48-0707-0.50-QK)
ML620Q154B/ML620Q155B/ML620Q156B
52pinTQFP (P-TQFP52-1010-0.65-TK)
ML620Q157B/ML620Q158B/ML620Q159B
64pinQFP (P-QFP64-1414-0.80-UK)
64pinTQFP (P-TQFP64-1010-0.50-ZK6)
• Guaranteed operating range
− Operating temperature: −40°C to +105°C
− Operating voltage: V
DD = 1.8V to 5.5V
The difference point of this LSI is shown below.
function
ML620Q151B/152B/153B
ML620Q154B/155B/156B
ML620Q157B/158B/159B
Shipment
48pinTQFP
52pinTQFP
64pinQFP/TQFP
flash capacity
(program area)
32Kbyte(ML620Q151B)
48Kbyte(ML620Q152B)
52Kbyte(ML620Q153B)
32Kbyte(ML620Q154B)
48Kbyte(ML620Q155B)
52Kbyte(ML620Q156B)
32Kbyte(ML620Q157B)
48Kbyte(ML620Q158B)
52Kbyte(ML620Q159B)
maskable interrupt
27
28
28
Input-only port
(At the case of crystal unused)
6
7
7
P05 port
Available
Available
Input/output port
(At the case of crystal unused)
31
34
46
P36,P53,P64 ports
Available
Available
P37 port
Available
P50~P52 ports
Available
P65~P67 ports
Available
P70~P74 ports
Available
:none


Similar Part No. - ML620Q151B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML620Q151A ETC2-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
LAPIS Semiconductor Co....
ML620Q151A LAPIS-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Rohm
ML620Q151A ROHM-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
More results

Similar Description - ML620Q151B

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML620Q151A LAPIS-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
List of Unclassifed Man...
ML620Q151A ETC2-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Rohm
FEDL62Q2700 ROHM-FEDL62Q2700 Datasheet
3Mb / 55P
   16-bit micro controller
Feb 17, 2023
logo
LAPIS Semiconductor Co....
ML620Q131 LAPIS-ML620Q131 Datasheet
482Kb / 33P
   16-bit micro controller
logo
Rohm
FEDL62Q2500 ROHM-FEDL62Q2500 Datasheet
1Mb / 40P
   16-bit micro controller
logo
LAPIS Semiconductor Co....
ML620Q131B LAPIS-ML620Q131B Datasheet
803Kb / 34P
   16-bit micro controller
logo
Rohm
ML620Q151A ROHM-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com