Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML620Q135B Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q135B
Description  16-bit micro controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q135B Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  ML620Q135B Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML620Q135B Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML620Q135B Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML620Q135B Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML620Q135B Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML620Q135B Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML620Q135B Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML620Q135B Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML620Q135B Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
FEDL620Q130B-01
Issue Date: Mar 30, 2017
ML620Q131B/2B/3B/4B/5B/6B
16-bit micro controller
1/34
GENERAL DESCRIPTION
This LSI is a high performance CMOS 16-bit microcontroller equipped with an 16-bit CPU nX-U16/100 and integrated with rich
peripheral functions such as the timer, PWM, comparator, voltage level supervisor, UART, I2C, and successive approximation
type A/D converter.
The CPU nX-U16/100 is capable of efficient instruction execution in 1-intruction 1-clock mode by 3-stage pipeline architecture
parallel processing. It has the data flash memory area which can be written by software.
In addition, the on-chip debug function that is installed enables software debugging and programming.
FEATURES
• CPU
− 16-bit RISC CPU (CPU name: nX-U16/100)
− Instruction system: 16-bit length instruction
‒ Instruction set: Transfer, arithmetic operations, comparison, logic operations, multiplication/division, bit manipulations,
bit logic operations, jump, conditional jump, call return stack manipulations, arithmetic shift, and so on
‒ On-chip debug function built in
‒ Minimum instruction execution time
30.5 μs (at 32.768 KHz system clock)
0.063 μs (at 16 MHz system clock)
• Internal memory
‒ Flash memory (program area)
Rewrite count 100 cycles
ML620Q131B: 8 Kbyte (4K x 16 bits)
ML620Q132B: 16 Kbyte (8K x 16 bits)
ML620Q133B: 24 Kbyte (12K x 16 bits)
ML620Q134B: 8 Kbyte (4K x 16 bits)
ML620Q135B: 16 Kbyte (8K x 16 bits)
ML620Q136B: 24 Kbyte (12K x 16 bits)
‒ Flash memory (data area)
Rewrite count 10,000 cycles
2 Kbyte (1K x 16 bits)
‒ SRAM
2 Kbyte (2K x 8 bits)
• Interrupt controller
− Non-maskable interrupt source: 2 (Internal sources: BACK-UP CLOCK, WDT)
− Maskable interrupt sources: 30 (Internal sources: 25, External sources: 5)
− Four interrupt levels and masking function
• Time base counter
− Low-speed time base counter × 1 channel
• Watchdog timer
‒ Non-maskable interrupt and reset
(The first overflow generates an interrupt, and the second overflow generates a reset)
‒ Free running
‒ Overflow period: 4 types selectable (125 ms, 500 ms, 2 s, and 8 s at 32.768 kHz)


Similar Part No. - ML620Q135B

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML620Q135 LAPIS-ML620Q135 Datasheet
482Kb / 33P
   16-bit micro controller
More results

Similar Description - ML620Q135B

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML620Q151A LAPIS-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
List of Unclassifed Man...
ML620Q151A ETC2-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Rohm
FEDL62Q2700 ROHM-FEDL62Q2700 Datasheet
3Mb / 55P
   16-bit micro controller
Feb 17, 2023
logo
LAPIS Semiconductor Co....
ML620Q151B LAPIS-ML620Q151B Datasheet
825Kb / 36P
   16-bit micro controller
ML620Q131 LAPIS-ML620Q131 Datasheet
482Kb / 33P
   16-bit micro controller
logo
Rohm
FEDL62Q2500 ROHM-FEDL62Q2500 Datasheet
1Mb / 40P
   16-bit micro controller
ML620Q151A ROHM-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com