Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML620Q157B Datasheet(PDF) 3 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q157B
Description  16-bit micro controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q157B Datasheet(HTML) 3 Page - LAPIS Semiconductor Co., Ltd.

  ML620Q157B Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML620Q157B Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML620Q157B Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML620Q157B Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML620Q157B Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML620Q157B Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML620Q157B Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML620Q157B Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML620Q157B Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
FEDL620Q150B-01
ML620Q151B/2B/3B/4B/5B/6B/7B/8B/9B
3/36
• General-purpose ports (including secondary functions)
− Input-only ports
Product
Input-only ports (including multiple
functions)
When not using the
crystal resonator
When
using
the
crystal resonator
ML620Q151B/ML620Q152B/ML620Q153B
6ch
5ch
ML620Q154B/ML620Q155B/ML620Q156B
7ch
6ch
ML620Q157B/ML620Q158B/ML620Q159B
7ch
6ch
− Output-only ports : 4ch
− Input/output ports
Product
Input/output ports (including multiple
functions)
When not using the
crystal resonator
When
using
the
crystal resonator
ML620Q151B/ML620Q152B/ML620Q153B
31ch
30ch
ML620Q154B/ML620Q155B/ML620Q156B
34ch
33ch
ML620Q157B/ML620Q158B/ML620Q159B
46ch
45ch
• Reset
− Reset through the RESET_N pin
− Power-on reset generation when powered on
− Reset by the watchdog timer (WDT) overflow
− Reset by the Low Level Detector (LLD)
• Low Level detect function
− Threshold voltages: 4values (1.9V/2.55V/3.7V/4.2V)
A threshold voltage is selected as Code-Option.
− LLD is a ready as a supply-voltage supervisory reset.
Reset or an interrupt output is selectable as Code-Option.
• Clock
− Low-speed clock (This LSI can not guarantee the operation without low-speed clock)
Crystal oscillation (32.768 kHz) or Built-in RC oscillation (32.768kHz)
Crystal oscillation or Built-in RC oscillation is selectable as Code-Option.
− High-speed clock
Built-in RC oscillation (2.097MHz) or Built-in PLL oscillation (8.192MHz)
• Power management
− HALT mode: Instruction execution by CPU is suspended (peripheral circuits are in operating states).
− STOP mode: Stop of low-speed oscillation and high-speed oscillation (Operations of CPU and peripheral circuits are
stopped.)
− Clock gear: The frequency of high-speed system clock can be changed by software (1/1, 1/2, 1/4, or 1/8 of the oscillation
clock)
− Block control function: Operation of an intact functional block circuit is powerd down. (register reset and clock stop)


Similar Part No. - ML620Q157B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML620Q157A ETC2-ML620Q157A Datasheet
759Kb / 36P
   16-bit micro controller
logo
LAPIS Semiconductor Co....
ML620Q157A LAPIS-ML620Q157A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Rohm
ML620Q157A ROHM-ML620Q157A Datasheet
759Kb / 36P
   16-bit micro controller
More results

Similar Description - ML620Q157B

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML620Q151A LAPIS-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
List of Unclassifed Man...
ML620Q151A ETC2-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Rohm
FEDL62Q2700 ROHM-FEDL62Q2700 Datasheet
3Mb / 55P
   16-bit micro controller
Feb 17, 2023
logo
LAPIS Semiconductor Co....
ML620Q131 LAPIS-ML620Q131 Datasheet
482Kb / 33P
   16-bit micro controller
logo
Rohm
FEDL62Q2500 ROHM-FEDL62Q2500 Datasheet
1Mb / 40P
   16-bit micro controller
logo
LAPIS Semiconductor Co....
ML620Q131B LAPIS-ML620Q131B Datasheet
803Kb / 34P
   16-bit micro controller
logo
Rohm
ML620Q151A ROHM-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com