Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEDL9098B-01 Datasheet(PDF) 5 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDL9098B-01
Description  Clock IC with Static and 1/2-Duty LCD Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDL9098B-01 Datasheet(HTML) 5 Page - LAPIS Semiconductor Co., Ltd.

  FEDL9098B-01 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. FEDL9098B-01 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. FEDL9098B-01 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. FEDL9098B-01 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. FEDL9098B-01 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. FEDL9098B-01 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDL9098B-01 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDL9098B-01 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDL9098B-01 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FEDL9098B-01
ML9098B
5/15
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Power supply voltage
(Drivers)
VCC
Ta = 25°C
–0.3 to +6.5
V
Power supply voltage
(Logic circuitry)
VDD
Ta = 25°C
–0.3 to +6.5
V
Power supply voltage
(Drivers & logic circuitry)
VSS
Ta = 25°C
0
V
Input voltage
(Logic circuitry)
VI
Ta = 25°C
–0.3 to VDD+0.3
V
Output voltage
(Drivers)
VDO
Ta = 25°C
–0.3 to VCC+0.3
V
Output voltage
(Logic circuitry)
VLO
Ta = 25°C
–0.3 to VDD+0.3
V
Output current
(Drivers)
IDO
Ta = 25°C
–5 to +5
mA
Output current
(Logic circuitry)
ILO
Ta = 25°C
–5 to +5
mA
Power dissipation
PD
Ta
 105°C
416
mW
Storage temperature
TSTG
–55 to +150
°C
* VDD=VCC
RECOMMENDED OPERATING CONDITIONS
VSS = 0V
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power supply voltage
(Drivers & logic circuitry)
VCC & VDD
3.0
5.5
V
Operating temperature
Ta
–40
105
°C
Crystal frequency
f(Xtal)
4.194304
MHz
* VDD = VCC


Similar Part No. - FEDL9098B-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEDL9098B-01 ETC2-FEDL9098B-01 Datasheet
167Kb / 15P
   Clock IC with Static and 1/2-Duty LCD Drivers
More results

Similar Description - FEDL9098B-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9098B ETC2-ML9098B Datasheet
389Kb / 15P
   Clock IC with Static and 1/2-Duty LCD Drivers
ML9098B ETC2-ML9098B Datasheet
389Kb / 15P
   Clock IC with Static and 1/2-Duty LCD Drivers
FEDL9098B-01 ETC2-FEDL9098B-01 Datasheet
167Kb / 15P
   Clock IC with Static and 1/2-Duty LCD Drivers
logo
OKI electronic componet...
ML9060 OKI-ML9060 Datasheet
156Kb / 18P
   1/2 DUTY, 160-OUTPUT STATIC LCD DRIVER
logo
LAPIS Semiconductor Co....
ML9484 LAPIS-ML9484 Datasheet
304Kb / 29P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
ML9488 LAPIS-ML9488 Datasheet
320Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
List of Unclassifed Man...
ML9488 ETC2-ML9488 Datasheet
403Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9478C LAPIS-ML9478C Datasheet
323Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
List of Unclassifed Man...
ML9479E ETC2-ML9479E Datasheet
403Kb / 32P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
ML9489 ETC2-ML9489 Datasheet
401Kb / 32P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com