Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9213 Datasheet(PDF) 8 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9213
Description  56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9213 Datasheet(HTML) 8 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9213 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
FEDL9213-01
1Semiconductor
ML9213
8/19
TIIMING DIAGRAM
NNNN Data Input Timing
NNNN Reset Timing
NNNN Driver Output Timing
–0.8V
DISP
–0.2V
DISP
SEG1-56,
GRID1-3
t
R
t
R
t
F
–0.8V
DD
–0.2V
DD
–0.8V
DD
–0.2V
DD
–0.8V
DD
–0.2V
DD
CS
CLOCK
DATA IN
t
CSS
1/f
C
t
CW
t
CW
t
CSL
VALID
VALID
VALID
VALID
t
CSH
t
DS
t
DH
t
POF
t
PRZ
V
DD
CS
t
RSOFF
–0.8V
DD
–0.0 V
–0.8V
DD
–0.0 V


Similar Part No. - ML9213

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9213 OKI-ML9213 Datasheet
183Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
List of Unclassifed Man...
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
OKI electronic componet...
ML9213GA OKI-ML9213GA Datasheet
183Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
ML9213GP OKI-ML9213GP Datasheet
183Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
More results

Similar Description - ML9213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
FEDL9213-01L ETC2-FEDL9213-01L Datasheet
194Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
OKI electronic componet...
ML9213 OKI-ML9213 Datasheet
183Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
ML9211 OKI-ML9211 Datasheet
230Kb / 20P
   56-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
MSM9210 OKI-MSM9210 Datasheet
219Kb / 20P
   32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
logo
List of Unclassifed Man...
FEDL9212-01 ETC2-FEDL9212-01 Datasheet
110Kb / 17P
   32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
logo
OKI electronic componet...
ML9212 OKI-ML9212 Datasheet
251Kb / 17P
   32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
logo
LAPIS Semiconductor Co....
ML9212 LAPIS-ML9212 Datasheet
110Kb / 17P
   32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
logo
List of Unclassifed Man...
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
   32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com