Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEDL9460-01 Datasheet(PDF) 6 Page - LAPIS Semiconductor Co., Ltd.

Part # PEDL9460-01
Description  Common Driver for Dot Matrix STN Liquid Crystal Display
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

PEDL9460-01 Datasheet(HTML) 6 Page - LAPIS Semiconductor Co., Ltd.

Back Button PEDL9460-01 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. PEDL9460-01 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. PEDL9460-01 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. PEDL9460-01 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. PEDL9460-01 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. PEDL9460-01 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. PEDL9460-01 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. PEDL9460-01 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. PEDL9460-01 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
FEDL9460-01
LAPIS Semiconductor
ML9460
6/27
4. Functional Description
4.1
Internal Blocks
4.1.1 Liquid Crystal Drive Circuit
The liquid crystal drive circuit outputs three levels for liquid crystal drive.
One of the three liquid crystal drive
levels (V2, MV2, VC) is selected and output according to the combination of data stored n the shift register
circuit and FR, as shown below.
FR
Display data
DSPOF
Output level
*
*
"L"
VC
"L"
"L"
"H"
VC
"L"
"H"
"H"
V2
"H"
"L"
"H"
VC
"H"
"H"
"H"
MV2
*: Don't care
The number of output pins is set by the SEL1 and SEL2 settings, as shown below.
SEL1
SEL2
Number of output pins
"H"
"H"
240 outputs (O1, O2, O3,
, O239, O240)
"H"
"L"
200 outputs (O21, O22, O23,
, O219, O220)
"L"
"H"
160 outputs (O41, O42, O43,
, O199, O200)
"L"
"L"
120 outputs (O61, O62, O63,
, O179, O180)
Pins that are made disabled by the SEL1 and SEL2 pins will output the nonselective level signal (VC)
synchronized with the FR signal.
4.1.2 Level Shifter
The level shifter converts 5 V signals to high-voltage signals used for liquid crystal drive by multiplying the
voltage.
4.1.3 Bidirectional Shift Register
The device is equipped with a 240-bit bidirectional shift register, where the first line signals that are input from
the DIO1 and DIO2 pins are shifted sequentially.
The shift direction is deterrmined by the SHL pin setting.
Relationship between SHL, DIO1, and DIO2
SHL
DIO1
DIO2
"H"
Serial output
Serial input
"L"
Serial input
Serial output


Similar Part No. - PEDL9460-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
PEDL9471-01 LAPIS-PEDL9471-01 Datasheet
412Kb / 20P
   1/3, 1/4, 1/5 Duty 80 Output LCD Driver
PEDL9471-02 LAPIS-PEDL9471-02 Datasheet
412Kb / 20P
   1/3, 1/4, 1/5 Duty 80 Output LCD Driver
PEDL9471-03 LAPIS-PEDL9471-03 Datasheet
412Kb / 20P
   1/3, 1/4, 1/5 Duty 80 Output LCD Driver
More results

Similar Description - PEDL9460-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEDL9460-01 ETC2-FEDL9460-01 Datasheet
259Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
ML9460 ETC2-ML9460 Datasheet
392Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
logo
Hitachi Semiconductor
HD66130T HITACHI-HD66130T Datasheet
64Kb / 16P
   320-channel Low-voltage Segment Driver for Dot-Matrix STN Liquid Crystal Display
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
HD61203U HITACHI-HD61203U Datasheet
95Kb / 30P
   (Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver)
HD61203U HITACHI-HD61203U_1 Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com