Electronic Components Datasheet Search |
|
M6313JMFLC Datasheet(PDF) 1 Page - MTRONPTI |
|
M6313JMFLC Datasheet(HTML) 1 Page - MTRONPTI |
1 / 3 page MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800. M630x Series 5x7 mm, 1.8/2.5/3.3 V, LVPECL/LVDS/CML/CMOS, TCXO/TCVCXO Features: Superior Jitter Performance • (comparable to SAW based) Frequencies from 50 MHz to 1.4 GHz • Designed for a short 2 week cycle time • Applications: Telecommunications such as SONET / • SDH / DWDM / FEC / SERDES / OC-3 thru OC-192 Wireless base stations / WLAN / • Gigabit Ethernet Avionicflightcontrolsandmilitary • communications Rev: 10/14/2013 Ordering Information M6300 2 J B V P N 00.0000 MHz Product Series M6300 = 3.3 V M6301 = 2.5 V M6302 = 1.8 V Temperature Range 1: 0 °C to +70 °C 3: -55 °C to +105 °C 6: -20 °C to +70 °C 4: -55 °C to +125 °C 2: -40 °C to +85 °C Stability G: ±0.5 ppm J: ±1.0 ppm K: ±2.0 ppm H: ±2.5 ppm L: ±4.6 ppm E: ±10 ppm Enable/Disable Function B: Enable High (Pad 1) G: Enable High (Pad 2) S: Enable Low (Pad 1) M: Enable Low (Pad 2) U: No Enable/Disable Function Output Type F: No Voltage Control (TCXO) V: Voltage Control (TCVCXO) Output Waveform P: LVPECL L: LVDS M: CML C: CMOS Package/Lead Configurations N: Leadless Ceramic (9 Pad) C: Leadless Ceramic (6 Pad) Frequency (customer specified) M6300Sxxx, M6301Sxxx & M6302Sxxx - Custom datasheets. Temperature vs. Stability PIN 1 ENABLE Pad 1: Enable/Disable Pad 2: N/C Pad 3: GND Pad 4: Output Q (LVPECL, LVDS, CML, CMOS) Pad 5: Output Q ¯ (LVPECL, LVDS, CML) Pad 6: V CC ±0.5 ppm ±1.0 ppm ±2.0 ppm ±2.5 ppm ±4.6 ppm 0 °C to +70 °C A A A A A -20 °C to +70 °C N A A A A -40 °C to +85 °C N A A A A -55 °C to +105 °C N N N N A -55 °C to +125 °C N N N N A A = Available N = Contact Factory PIN 2 ENABLE Pad 1: N/C, V Control Pad 2: Enable/Disable Pad 3: GND Pad 4: Output Q (LVPECL, LVDS, CML, CMOS) Pad 5: Output Q ¯ (LVPECL, LVDS, CML) Pad 6: V CC |
Similar Part No. - M6313JMFLC |
|
Similar Description - M6313JMFLC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |