Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML610408 Datasheet(PDF) 9 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610408
Description  8-bit Microcontroller with a Built-in LCD driver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610408 Datasheet(HTML) 9 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610408 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
FEDL610409-08
ML610407/ML610408/ML610409
9/34
PAD COORDINATES
ML610407/ML610408/ML610409 Pad Coordinates
Table 1 ML610407/ML610408/ML610409 Pad Coordinates
Chip Center: X=0,Y=0
ML610407/8/9
ML610407/8/9
PAD
No.
Pad
Name
X (µm)
Y (µm)
PAD
No.
Pad
Name
X (µm)
Y (µm)
1
P52
-853
-979
48
SEG22
520
979
2
P51
-773
-979
49
SEG23
440
979
3
P50
-693
-979
50
SEG24
360
979
4
P40
-613
-979
51
SEG25
280
979
5
P41
-533
-979
52
SEG26
200
979
6
P42
-453
-979
53
SEG27
120
979
7
P43
-373
-979
54
SEG28
40
979
8
P44
-293
-979
55
SEG29
-40
979
9
P45
-213
-979
56
SEG30
-120
979
10
P46
-133
-979
57
SEG31
-200
979
11
P47
-53
-979
P67
(*1)
12
VDD
27
-979
58
SEG32
(*2)(*3)
-295
979
13
VSS
107
-979
P66
(*1)
14
VDDL
187
-979
59
SEG33
(*2)(*3)
-375
979
15
XT0
267
-979
P65
(*1)
16
XT1
427
-979
60
SEG34
(*2)(*3)
-455
979
17
RESET_N
507
-979
P64
(*1)
18
TEST0
587
-979
61
SEG35
(*2)(*3)
-535
979
19
VL1
667
-979
P63
(*1)(*2)
20
VL2
747
-979
62
SEG36
(*3)
-615
979
21
VL3
827
-979
P62
(*1)(*2)
22
C1
1024
-845
63
SEG37
(*3)
-695
979
23
C2
1024
-765
P61
(*1)(*2)
24
COM0
1024
-685
64
SEG38
(*3)
-775
979
25
COM1
1024
-605
P60
(*1)(*2)
26
COM2/SEG0
1024
-525
65
SEG39
(*3)
-855
979
27
COM3/SEG1
1024
-445
66
VSS
-1024
842
28
COM4/SEG2
1024
-365
67
P20
-1024
762
29
SEG3
1024
-285
68
P21
-1024
682
30
SEG4
1024
-205
69
P22
-1024
602
31
SEG5
1024
-125
70
P24
-1024
522
32
SEG6
1024
-45
71
P00
-1024
422
33
SEG7
1024
35
72
P01
-1024
342
34
SEG8
1024
115
73
P02
-1024
262
35
SEG9
1024
195
74
P03
-1024
182
36
SEG10
1024
275
75
P04
-1024
102
37
SEG11
1024
355
76
P30
-1024
22
38
SEG12
1024
435
77
P31
-1024
-58
39
SEG13
1024
515
78
P34
-1024
-138
40
SEG14
1024
595
79
P32
-1024
-218
41
SEG15
1024
675
80
P33
-1024
-298
42
SEG16
1024
755
81
P35
-1024
-378
43
SEG17
1024
835
82
P57
-1024
-458
44
SEG18
840
979
83
P56
-1024
-538
45
SEG19
760
979
84
P55
-1024
-618
46
SEG20
680
979
85
P54
-1024
-698
47
SEG21
600
979
86
P53
-1024
-778
(*1) Pad for ML610407 . (*2) Pad for ML610408. (*3) Pad for ML610409.


Similar Part No. - ML610408

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610408 ETC2-ML610408 Datasheet
499Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - ML610408

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com