Electronic Components Datasheet Search |
|
FEDL610409-08 Datasheet(PDF) 11 Page - LAPIS Semiconductor Co., Ltd. |
|
FEDL610409-08 Datasheet(HTML) 11 Page - LAPIS Semiconductor Co., Ltd. |
11 / 34 page FEDL610409-08 ML610407/ML610408/ML610409 11/34 Primary function Secondary function or Tertiary function PIN No. PAD No. Pin name I/O Function Secondary /Tertiary Pin name I/O Function Secondary ⎯ ⎯ ⎯ 5 4 P40 I/O Input/output port Tertiary SIN0 I SSIO0 data input Secondary ⎯ ⎯ ⎯ 6 5 P41 I/O Input/output port Tertiary SCK0 I/O SSIO0 synchronous clock input/output Secondary RXD0 I UART data input 7 6 P42 I/O Input/output port Tertiary SOUT0 O SSIO0 data output Secondary TXD0 O UART data output 8 7 P43 I/O Input/output port Tertiary PWM0 O PWM0 output Secondary IN1 I RC type ADC1 oscillation input pin 9 8 P44/ T02P0CK I/O Input/output port, Timer 0/Timer 2/PWM0 external clock input Tertiary SIN0 I SSIO0 data input Secondary CS1 O RC type ADC1 reference capacitor connection pin 10 9 P45/T13CK I/O Input/output port, Timer 1/Timer 3 external clock input Tertiary SCK0 I/O SSIO0 synchronous clock input/output Secondary RS1 O RC type ADC1 reference resistor connection pin 11 10 P46 I/O Input/output port Tertiary SOUT0 O SSIO0 data output 12 11 P47 I/O Input/output port Secondary RT1 O RC type ADC1 measurement resistor sensor connection pin Secondary MD0 O Melody 0 output 4 3 P50/EXI8 I/O Input/output port, External interrupt Tertiary SIN1 I SSIO1 data input Secondary ⎯ ⎯ ⎯ 3 2 P51/EXI8 I/O Input/output port, External interrupt Tertiary SCK1 I/O SSIO1 synchronous clock input/output Secondary ⎯ ⎯ ⎯ 2 1 P52/EXI8 I/O Input/output port, External interrupt Tertiary SOUT1 O SSIO1 data output 97 86 P53/EXI8 I/O Input/output port, External interrupt ⎯ ⎯ ⎯ ⎯ Secondary ⎯ ⎯ ⎯ 96 85 P54/EXI8 I/O Input/output port, External interrupt Tertiary SIN1 I SSIO1 data input Secondary ⎯ ⎯ ⎯ 95 84 P55/EXI8 I/O Input/output port, External interrupt Tertiary SCK1 I/O SSIO1 synchronous clock input/output Secondary ⎯ ⎯ ⎯ 94 83 P56/EXI8 I/O Input/output port, External interrupt Tertiary SOUT1 O SSIO1 data output 93 82 P57/EXI8 I/O Input/output port, External interrupt ⎯ ⎯ ⎯ ⎯ |
Similar Part No. - FEDL610409-08 |
|
Similar Description - FEDL610409-08 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |