Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEDL9488-01 Datasheet(PDF) 11 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDL9488-01
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDL9488-01 Datasheet(HTML) 11 Page - LAPIS Semiconductor Co., Ltd.

Back Button FEDL9488-01 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDL9488-01 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDL9488-01 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. FEDL9488-01 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. FEDL9488-01 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. FEDL9488-01 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. FEDL9488-01 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. FEDL9488-01 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. FEDL9488-01 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
FEDL9488-01
ML9488
11/31
60-63
SYNCB
I/O
Input/output pin for common synchronization.
It has a schmitt circuit.
It becomes the synchronization signal output pin in the master mode (M/S
pin = "H").
It becomes the synchronization signal input pin in the slave mode (M/S pin = "L").
For cascade connection, connect all of the involved ML9488s' SYNC pins by
the common line.
65-66
I2C
I
Interface switching pin.
It has a schmitt circuit.
When this pin is "H", the interface is I
2C.
When this pin is "L", the interface is three-wire serial.
20-21
DATA
(SDA)
I
Display data input pin. It has a schmitt circuit.
I2C="L": Serial interface; DATA
Input the display data in the order of SEG80, SEG79, ... , SEG2, and SEG1.
The display data turns on at "H" and turns off at "L".
I2C="H": I
2C interface; SDA
Input the display data in units of 8 bits.
The display data turns on at "H" and
turns off at "L".
This pin has a built-in noise filter through which noises in widths up to 50 ns
are removed.
This noise filter is valid only when I2C = "H".
22-23
CLOCK
(SCL)
I
Shift clock input pin for display data. It has a schmitt circuit.
I2C="L": Serial interface; CLOCK
The display data input to the DATA pin is serially input to the shift register at
the CLOCK signal rise.
I2C="H": I
2C interface; SCL
The display data input to the SDA pin is serially input to the shift register at
the SCL signal rise.
This pin has a built-in noise filter through which noises in widths up to 50 ns
are removed.
This noise filter is valid only when I2C = "H".
24-25
LOAD
I
Input pin for the load signal of display data.
It has a schmitt circuit.
I2C="L": Serial interface; LOAD
The display data in the shift register is transmitted as is to the segment driver
for the "H" duration. When this pin is brought into "L", the shift register is
disconnected from the segment driver. The display data in the shift register
immediately before it become "L" is held in the data latch and transmitted to
the segment driver.
I2C="H": I
2C interface
Use this pin as it is connected to GND.
17-19
SDAACK
O
I2C="L": Serial interface
Use this pin as it is opened.
I2C="H": I
2C interface
The I
2C bus acknowledge output signal. Normally, use it as it is connected
with the SDA pin.
Connect an external pull-up resistor whenever
necessary, as it is an open drain pin.
The pull-up connection destination
supply voltage shall be the VDD supply voltage or less.
69-70
POCEB
I
Internal POC circuit enable pin.
It has a schmitt circuit.
When this pin is "H", the POC circuit becomes OFF and the constant current
(8µA) is cut.
The RESETB pin pull-up resistor is cut as well.
When this pin is "L", the POC circuit becomes ON.
The RESETB pin is connected to a pull-up resistor.
44-45
RESETB
*3
I
Reset signal input pin for initializing inside the IC.
It has a schmitt circuit.
The "L" level enables the reset. This pin has an Internal pull-up resistor.
When POCEB = "H", input the external reset signal to this pin.
When POCEB = "L", the power-on reset operation is available by open this
pin.


Similar Part No. - FEDL9488-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDL9480-01 LAPIS-FEDL9480-01 Datasheet
365Kb / 37P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
FEDL9484-01 LAPIS-FEDL9484-01 Datasheet
304Kb / 29P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
More results

Similar Description - FEDL9488-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9478C ETC2-ML9478C Datasheet
405Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
ML9488 ETC2-ML9488 Datasheet
403Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9478C LAPIS-ML9478C Datasheet
323Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
List of Unclassifed Man...
ML9480 ETC2-ML9480 Datasheet
444Kb / 37P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9480 LAPIS-ML9480 Datasheet
365Kb / 37P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
logo
List of Unclassifed Man...
ML9484 ETC2-ML9484 Datasheet
383Kb / 29P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9484 LAPIS-ML9484 Datasheet
304Kb / 29P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
logo
List of Unclassifed Man...
ML9479E ETC2-ML9479E Datasheet
403Kb / 32P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
ML9489 ETC2-ML9489 Datasheet
401Kb / 32P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
logo
New Japan Radio
NJU6541A NJRC-NJU6541A Datasheet
398Kb / 41P
   Static 1/2 1/3 1/4 Duty LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com