Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEDL610406-03 Datasheet(PDF) 5 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDL610406-03
Description  8-bit Microcontroller with a Built-in LCD driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDL610406-03 Datasheet(HTML) 5 Page - LAPIS Semiconductor Co., Ltd.

  FEDL610406-03 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDL610406-03 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
FEDL610406-05
ML610404/ML610405/ML610406
5/30
BLOCK DIAGRAM
Block Diagram of ML610404/ML610405/ML610406
*
Secondary function or Tertiary function
“*1”: Select among 21 segments x 5 commons, 22 segments x 4 commons, 23 segments x 3 commons, and 24 segments x 2
commons with the register
“*2”: Select among 25 segments x 5 commons, 26 segments x 4 commons, 27 segments x 3 commons, and 28 segments x 2
commons with the register
“*3”: Select among 29 segments x 5 commons, 30 segments x 4 commons, 31 segments x 3 commons, and 32 segments x 2
commons with the register
Figure 1 Block Diagram of ML610404/ML610405/ML610406
Program
Memory
(ROM)
8Kbyte
RAM
256byte
Interrupt
Controller
CPU (nX-U8/100)
Timing
Controller
EA
SP
Instruction
Decoder
BUS
Controller
Instruction
Register
TBC
INT
4
INT
1
WDT
INT
8bit Timer
×
4
Capture
×
2
GPIO
INT
6
Data-bus
Melody
INT
1
MD0*
TEST0
RESET_N
OSC
XT0**
XT1**
LSCLK*
OUTCLK*
Power
VDDL
LCD
Driver
COM0 to COM4
(*1)(*2)(*3)
SEG0 to SEG23 (ML610404)
(*1)
SEG0 to SEG27 (ML610405)
(*2)
SEG0 to SEG31 (ML610406)
(*3)
LCD
BIAS
VL1, VL2, VL3
C1, C2
RC-ADC
×
2
CS0*
IN0*
RS0*
RT0*
RCT0*
RCM*
CS1*
IN1*
RS1*
RT1*
RESET &
TEST
ALU
EPSW1~3
PSW
ELR1~3
LR
ECSR1~3
DSR/CSR
PC
GREG
0~15
VDD
VSS
INT
1
Display
register
320bit
Display
Allocation
RAM
P00 to P04
P20 to P23, P24
P30 to P35
P40 to P47
P50 to P57
P60 to P67 (ML610404)
P60 to P63 (ML610405)
SSIO
×
2
SCK0*
SIN0*
SOUT0*
INT
2
SCK1*
SIN1*
SOUT1*
UART
RXD0*
TXD0*
INT
1
INT
1
PWM
PWM0*


Similar Part No. - FEDL610406-03

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDL610403-04 LAPIS-FEDL610403-04 Datasheet
290Kb / 27P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610409-01 LAPIS-FEDL610409-01 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610409-02 LAPIS-FEDL610409-02 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610409-03 LAPIS-FEDL610409-03 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610409-04 LAPIS-FEDL610409-04 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - FEDL610406-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com