Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC-02-10GS Datasheet(PDF) 3 Page - Kemet Corporation

Part # SC-02-10GS
Description  SC Coils, SC-G/GS Small Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SC-02-10GS Datasheet(HTML) 3 Page - Kemet Corporation

  SC-02-10GS Datasheet HTML 1Page - Kemet Corporation SC-02-10GS Datasheet HTML 2Page - Kemet Corporation SC-02-10GS Datasheet HTML 3Page - Kemet Corporation SC-02-10GS Datasheet HTML 4Page - Kemet Corporation SC-02-10GS Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0011_SC-G/GS • 6/16/2014
AC Line Filters – SC Coils, SC-G/GS Small Type
Specifications
Frequency Characteristics
Notes on Use
Shelf Life
• Usewithin6months.Iftheproductisusedafterastorageperiodof6monthsorlonger,confirmitssolderabilitybeforeuse.
Storage Condition
• Avoidstorageinhightemperatureandhighhumidityenvironment,assuchconditionmaydeterioratethesolderabilityofexternal
electrode.
• Avoid storage in atmosphere containing toxic gases or acid (e.g., sulphur and chlorine), as such gas may deteriorate the
solderabilityofexternalelectrode.
• Avoidstoragenearstrongmagneticfield,assuchconditionmaymagnetizetheproduct.
AC Line Filters
21
Common mode
Frequency characteristic
1M
100K
10K
1K
100
10
1
01-50G
01-20G
01-10G
01-06G
01-30G
02-30G
02-20G
02-10G
02-06G
03-06G
01-80G
01-E150G
01-E100G
01-E121G
01-20GS
02-10GS
03-05GS
03-10G
02-10GS
Frequency (Hz)
1K
10K
100K
1M
10M 30M
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
36
1
3
6
1
36
1
3
6
1
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
36
1
3
6
1
36
1
3
6
1
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
36
1
3
6
1
36
1
3
6
1
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
36
1
3
6
1
36
1
3
6
1
3
Item
SC-G/GS
Rated Voltage
250 VAC/VDC
Withstanding Voltage
2400V(2seconds,betweenlines)
Insulation Resistance
>100MΩ@500VDC(betweenlines)
Thermal Class
A(105°C)orE(120°C),seeTable1footnotes
Operating Temperature Range
-25ºC to T
T = 105 - temperature rise (Thermal Class A)
T = 120 - temperature rise (Thermal Class E)
Inductance Measurement Condition
100 kHz, 1 mA, KC547


Similar Part No. - SC-02-10GS

ManufacturerPart #DatasheetDescription
logo
LEM
SC-02-10GS LEM-SC-02-10GS Datasheet
442Kb / 5P
   SC Coils, SC-G/GS Small Type
logo
Kemet Corporation
SC-02-10GS KEMET-SC-02-10GS Datasheet
509Kb / 9P
   Common Mode SC Coils, SC-G/GS Series, Small Type
SC-02-10GS KEMET-SC-02-10GS_17 Datasheet
74Kb / 1P
   Choke, SC-G/GS, 1000 uH
More results

Similar Description - SC-02-10GS

ManufacturerPart #DatasheetDescription
logo
LEM
SC-01-E150G LEM-SC-01-E150G Datasheet
442Kb / 5P
   SC Coils, SC-G/GS Small Type
logo
Kemet Corporation
SC-01-06G KEMET-SC-01-06G_V01 Datasheet
509Kb / 9P
   Common Mode SC Coils, SC-G/GS Series, Small Type
SC-02-10GS KEMET-SC-02-10GS_17 Datasheet
74Kb / 1P
   Choke, SC-G/GS, 1000 uH
SC-01-20GS KEMET-SC-01-20GS_17 Datasheet
74Kb / 1P
   Choke, SC-G/GS, 2000 uH
SC-01-10GS KEMET-SC-01-10GS Datasheet
74Kb / 1P
   Choke, SC-G/GS, 1000 uH
SC-01-30G KEMET-SC-01-30G_17 Datasheet
101Kb / 1P
   Choke, SC-G/GS, 3000 uH
SC-10-20JH KEMET-SC-10-20JH Datasheet
367Kb / 4P
   SC Coils, SC-JH Terminal Base Type
SC-02-300JV KEMET-SC-02-300JV Datasheet
307Kb / 4P
   SC Coils, SC-JV Terminal Base Type
SC-10-20J KEMET-SC-10-20J Datasheet
412Kb / 5P
   SC Coils, SC-J Terminal Base Type
SC-02-20JS KEMET-SC-02-20JS Datasheet
334Kb / 4P
   SC Coils, SC-JS Terminal Base Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com