Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03S150-060S3 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 03S150-060S3
Description  Mismatch Plug
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

03S150-060S3 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  03S150-060S3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03S150-060S3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
RPC-3.50
Mismatch
Plug
03S150-060S3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
IEC 60169-23
Mechanically compatible with
RPC-2.92 and SMA
Documents
Application note
AN001 “Calibration Services”
Material and plating
Connector parts
Material
Plating
Center conductor
CuBe
Gold, min. 1.27 µm, over nickel
Outer conductor
Stainless steel
Passivated
Coupling nut
Stainless steel
Passivated
Dielectric
PEEK
Substrate
Al2O3


Similar Part No. - 03S150-060S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03S150-055S3 ROSENBERGER-03S150-055S3 Datasheet
98Kb / 2P
   Mismatch Plug
03S150-075S3 ROSENBERGER-03S150-075S3 Datasheet
83Kb / 2P
   Mismatch Plug
More results

Similar Description - 03S150-060S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
02S150-055S3 ROSENBERGER-02S150-055S3 Datasheet
542Kb / 2P
   Mismatch plug
05S150-055S3 ROSENBERGER-05S150-055S3 Datasheet
83Kb / 2P
   Mismatch Plug
05S150-075S3 ROSENBERGER-05S150-075S3 Datasheet
84Kb / 2P
   Mismatch Plug
02S150-060S3 ROSENBERGER-02S150-060S3 Datasheet
542Kb / 2P
   Mismatch Plug
03S150-055S3 ROSENBERGER-03S150-055S3 Datasheet
98Kb / 2P
   Mismatch Plug
02S150-075S3 ROSENBERGER-02S150-075S3 Datasheet
542Kb / 2P
   Mismatch Plug
05S150-060S3 ROSENBERGER-05S150-060S3 Datasheet
84Kb / 2P
   Mismatch Plug
03S150-075S3 ROSENBERGER-03S150-075S3 Datasheet
83Kb / 2P
   Mismatch Plug
03S102-K100 ROSENBERGER-03S102-K100 Datasheet
701Kb / 3P
   Mismatch Airline Plug / Jack
05S102-K100 ROSENBERGER-05S102-K100 Datasheet
793Kb / 2P
   Mismatch Airline Plug / Jack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com