Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC83230-0015 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC83230-0015
Description  TC83230-0015: Single-Chip CMOS LSI for Calculators with Printers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC83230-0015 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC83230-0015 Datasheet HTML 1Page - Toshiba Semiconductor TC83230-0015 Datasheet HTML 2Page - Toshiba Semiconductor TC83230-0015 Datasheet HTML 3Page - Toshiba Semiconductor TC83230-0015 Datasheet HTML 4Page - Toshiba Semiconductor TC83230-0015 Datasheet HTML 5Page - Toshiba Semiconductor TC83230-0015 Datasheet HTML 6Page - Toshiba Semiconductor TC83230-0015 Datasheet HTML 7Page - Toshiba Semiconductor TC83230-0015 Datasheet HTML 8Page - Toshiba Semiconductor TC83230-0015 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TC83230-0015
2003-03-04
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83230-0015
TC83230-0015: Single-Chip CMOS LSI for Calculators with Printers
(applicable printer heads: M31/M31A manufactured by EPSON)
The TC83230-0015 LSI is a single-chip CMOS LSI for use in
calculators with printers.
It integrates I/O logic circuits necessary to configure a
calculator with 10- or 12-digit display, two-memory function,
two-tax function, serial printer used to print calculation results,
oscillator, and LCD drivers.
Features
Operational Features
· Print: 10 or 12 digits of data. (including decimal point.)
1 digit of floating minus sign, 1 digit of operational
symbol.
1-color printing (black).
· Display: 10 or 12 digits of data. (including punctuation in each digit.)
1 digit of floating minus sign, memory load, error symbol, grand total memory load, 3 digits of
commas.
· Decimal output: Decimal set lock key controls output format. Fixed decimal setting (“0”, “1”, “2”, “3”, “4”,
“6”), full floating decimal, ADD mode and ADD2 mode.
· Key-input buffer: 12 words
· Operation methods: Addition and subtraction: By ARITHMETIC operation
Multiplication and division: By algebraic operation
· Function: Four function, repeat multiplication and division, mixed calculation, percentage calculation,
percent discount and add-on calculation, memory calculation, delta percent calculation, add-mode
calculation, mark-up/down calculation, total calculation, constant calculation, tax calculation
Two-key rollover.
· Leading zero suppression
Protection
(1)
In the overflow condition, all key except “C”, “C/CE”, “CE”, “Feed”, “→” key are inoperative.
(2)
Key chatter protection.
Auto-Clear at Power On
Auto-clear functions by connecting a capacitor to the RESET pin.
Weight: 1.52 g (typ.)


Similar Part No. - TC83230-0015

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC83230-0021 TOSHIBA-TC83230-0021 Datasheet
472Kb / 28P
   Single-Chip CMOS LSI for Calculators with Printers
More results

Similar Description - TC83230-0015

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC83230-0021 TOSHIBA-TC83230-0021 Datasheet
472Kb / 28P
   Single-Chip CMOS LSI for Calculators with Printers
TC8832F TOSHIBA-TC8832F Datasheet
3Mb / 80P
   Single-Chip CMOS LSI
logo
List of Unclassifed Man...
FX419 ETC-FX419 Datasheet
296Kb / 6P
   SINGLE CHIP CMOS LSI CIRCUIT
logo
KODENSHI_AUK CORP.
KK8031-XX KODENSHI-KK8031-XX Datasheet
159Kb / 3P
   CMOS LSI chip,
logo
Integral Corp.
BT8031 INTEGRAL-BT8031 Datasheet
138Kb / 3P
   CMOS LSI chip
logo
Sanyo Semicon Device
LV4147W SANYO-LV4147W Datasheet
435Kb / 26P
   Bi-CMOS LSI For LCD Panel Drive Single Chip IC
LV4138W SANYO-LV4138W Datasheet
436Kb / 26P
   Bi-CMOS LSI For LCD Panel Drive Single Chip IC
LV4150W SANYO-LV4150W Datasheet
469Kb / 26P
   Bi-CMOS LSI For LCD Panel Drive Single Chip IC
LV4141W SANYO-LV4141W Datasheet
475Kb / 27P
   Bi-CMOS LSI For LCD Panel Drive Single Chip IC
logo
Toshiba Semiconductor
TC83220-0029 TOSHIBA-TC83220-0029 Datasheet
227Kb / 16P
   TC83220-0029 CMOS Single-Chip LSI for FL (fluorescent) Calculator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com