Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2525N744 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T2525N744
Description  IR RECEIVER ASSP
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2525N744 Datasheet(HTML) 1 Page - ATMEL Corporation

  T2525N744 Datasheet HTML 1Page - ATMEL Corporation T2525N744 Datasheet HTML 2Page - ATMEL Corporation T2525N744 Datasheet HTML 3Page - ATMEL Corporation T2525N744 Datasheet HTML 4Page - ATMEL Corporation T2525N744 Datasheet HTML 5Page - ATMEL Corporation T2525N744 Datasheet HTML 6Page - ATMEL Corporation T2525N744 Datasheet HTML 7Page - ATMEL Corporation T2525N744 Datasheet HTML 8Page - ATMEL Corporation T2525N744 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev. 4657D–AUTO–11/03
Features
No External Components Except PIN Diode
Supply-voltage Range: 4.5 V to 5.5 V
Automatic Sensitivity Adaptation (AGC)
Automatic Strong Signal Adaptation (ATC)
Enhanced Immunity Against Ambient Light Disturbances
Available for Carrier Frequencies between 30 kHz to 76 kHz; Adjusted by Zener Diode
Fusing
TTL and CMOS Compatible
Suitable Minimum Burst Length
³ 6 or 10 Pulses/Burst
Applications
Audio Video Applications
Home Appliances
Remote Control Equipment
Description
The IC T2525 is a complete IR receiver for data communication developed and opti-
mized for use in carrier-frequency-modulated transmission applications. Its function
can be described using the block diagram (see Figure 1). The input stage meets two
main functions. First, it provides a suitable bias voltage for the PIN diode. Secondly,
the pulsed photo-current signals are transformed into a voltage by a special circuit
which is optimized for low-noise applications. After amplification by a Controlled Gain
Amplifier (CGA), the signals have to pass a tuned integrated narrow bandpass filter
with a center frequency f
0 which is equivalent to the chosen carrier frequency of the
input signal. The demodulator is used to convert the input burst signal into a digital
envelope output pulse and to evaluate the signal information quality, i.e., unwanted
pulses will be suppressed at the output pin. All this is done by means of an integrated
dynamic feedback circuit which varies the gain as a function of the present environ-
mental condition (ambient light, modulated lamps etc.). Other special features are
used to adapt to the current application to secure best transmission quality. The
T2525 operates in a supply-voltage range of 4.5 V to 5.5 V.
Figure 1. Block Diagram
Input
Micro-
controller
CGA and
filter
Demodulator
Oscillator
AGC/ATC and digital
control
VS
Modulated IR signal
min 6/10 pulses
GND
IN
OUT
Carrier frequency f
0
IR Receiver
ASSP
T2525


Similar Part No. - T2525N744

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2525 ATMEL-T2525 Datasheet
199Kb / 12P
   IR Receiver ASSP
T2525 ATMEL-T2525 Datasheet
231Kb / 12P
   IR Receiver ASSP
T2525S0xxC-DDW ATMEL-T2525S0xxC-DDW Datasheet
231Kb / 12P
   IR Receiver ASSP
T2525S1xxC-DDW ATMEL-T2525S1xxC-DDW Datasheet
231Kb / 12P
   IR Receiver ASSP
T2525S2xxC-DDW ATMEL-T2525S2xxC-DDW Datasheet
231Kb / 12P
   IR Receiver ASSP
More results

Similar Description - T2525N744

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
   IR Receiver ASSP
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
   IR Receiver ASSP
T2525 ATMEL-T2525_09 Datasheet
231Kb / 12P
   IR Receiver ASSP
ATA2525 ATMEL-ATA2525 Datasheet
190Kb / 12P
   IR Receiver ASSP
ATA2525 ATMEL-ATA2525_14 Datasheet
566Kb / 12P
   IR Receiver ASSP
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_09 Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_14 Datasheet
742Kb / 13P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com