Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0SEE03015CH00112P Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # F0SEE03015CH00112P
Description  Dimensions for product: E30/15/7
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

F0SEE03015CH00112P Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  F0SEE03015CH00112P Datasheet HTML 1Page - Ferroxcube International Holding B.V. F0SEE03015CH00112P Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E30/15/7
Core
Product specifications
Value
Inductance factor
Tol +
Tol -
Unit
Material
3C92
nH/turns²
25%
25%
1400
3C94
nH/turns²
25%
25%
1900
3C96
nH/turns²
25%
25%
1600
3F36
nH/turns²
25%
25%
1300
Power loss: 3C92
Measuring conditions
Unit
Max
100 kHz
W/set
2.000
200 mT
100 ºC
Power loss: 3C94
Measuring conditions
Unit
Max
100 kHz
W/set
2.000
200 mT
100 ºC
Power loss: 3C96
Measuring conditions
Unit
Max
100 kHz
W/set
1.800
200 mT
100 ºC
400 kHz
W/set
0.720
50 mT
100 ºC
Symbol
Effective parameters
Parameter
Value
Unit
1.12
mm
¹
Ve
4000
mm³
Le
67
mm
Ae
60
mm²
Amin
49
mm²
∑(I/A)
≈ 11
core factor (C1)
effective volume
effective length
effective area
minimum area
m
E30/15/7
g/pcs
Symbol
Nom
Tol +
Tol -
Max
Unit
Min
Dimensions for product: E30/15/7
29.40
mm
A
0.00
1.40
30.80
30.80
19.50
mm
B
1.00
0.00
20.50
19.50
6.70
mm
C
0.00
0.50
7.20
7.20
14.80
mm
D
0.20
0.20
15.20
15.00
9.70
mm
E
0.50
0.00
10.20
9.70
6.80
mm
F
0.00
0.50
7.30
7.30
2017-04-12


Similar Description - F0SEE03015CH00112P

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CLA-E30 FERROXCUBE-CLA-E30_17 Datasheet
73Kb / 2P
   Dimensions for product: E30/15/7
CP-E30 FERROXCUBE-CP-E30 Datasheet
73Kb / 2P
   Dimensions for product: E30/15/7
CP-P11-7-1S-C FERROXCUBE-CP-P11-7-1S-C Datasheet
79Kb / 2P
   Dimensions for product: P11/7
CP-P11-7-1S-A FERROXCUBE-CP-P11-7-1S-A Datasheet
79Kb / 2P
   Dimensions for product: P11/7
CP-P11-7-1S FERROXCUBE-CP-P11-7-1S Datasheet
79Kb / 2P
   Dimensions for product: P11/7
CP-P11-7-2S-A FERROXCUBE-CP-P11-7-2S-A Datasheet
79Kb / 2P
   Dimensions for product: P11/7
CLI-EFD20 FERROXCUBE-CLI-EFD20_17 Datasheet
76Kb / 2P
   Dimensions for product: EFD20/10/7
CPH-E13-7-4-1S-6P FERROXCUBE-CPH-E13-7-4-1S-6P Datasheet
75Kb / 2P
   Dimensions for product: E13/7/4
CSH-EFD20-1S-8P-TZ FERROXCUBE-CSH-EFD20-1S-8P-TZ_17 Datasheet
76Kb / 2P
   Dimensions for product: EFD20/10/7
CSH-EFD20-1S-8P-IZ FERROXCUBE-CSH-EFD20-1S-8P-IZ_17 Datasheet
76Kb / 2P
   Dimensions for product: EFD20/10/7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com