Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM-EFD15 Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # CLM-EFD15
Description  Dimensions for product: EFD15/8/5
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CLM-EFD15 Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  CLM-EFD15 Datasheet HTML 1Page - Ferroxcube International Holding B.V. CLM-EFD15 Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EFD15/8/5
Core
Product specifications
Value
Inductance factor
Tol +
Tol -
Unit
Material
3C95
nH/turns²
25%
25%
1140
3C96
nH/turns²
25%
25%
850
3F36
nH/turns²
25%
25%
650
3F46
nH/turns²
25%
25%
370
Power loss: 3C95
Measuring conditions
Unit
Max
100 kHz
W/set
0.240
200 mT
100 ºC
100 kHz
W/set
0.270
200 mT
25 ºC
Power loss: 3C96
Measuring conditions
Unit
Max
100 kHz
W/set
0.230
200 mT
100 ºC
400 kHz
W/set
0.092
50 mT
100 ºC
Symbol
Effective parameters
Parameter
Value
Unit
2.27
mm⁻¹
Ve
510
mm³
Le
34
mm
Ae
15
mm²
Amin
12.2
mm²
∑(I/A)
≈ 1.4
core factor (C1)
effective volume
effective length
effective area
minimum area
m
EFD15/8/5
g/pcs
Symbol
Nom
Tol +
Tol -
Max
Unit
Min
Dimensions for product: EFD15/8/5
14.60
mm
A
0.40
0.40
15.40
15.00
4.50
mm
C
0.15
0.15
4.80
4.65
10.65
mm
E
0.35
0.35
11.35
11.00
5.15
mm
F
0.15
0.15
5.45
5.30
2.30
mm
G
0.10
0.10
2.50
2.40
7.35
mm
H1
0.15
0.15
7.65
7.50
5.25
mm
H2
0.25
0.25
5.75
5.50
2016


Similar Part No. - CLM-EFD15

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CLM-EFD15 FERROXCUBE-CLM-EFD15 Datasheet
32Kb / 1P
   EFD cores and accessories
CLM-EFD15 FERROXCUBE-CLM-EFD15 Datasheet
77Kb / 2P
   Dimensions for product: EFD15/8/5
CLM-EFD15 FERROXCUBE-CLM-EFD15 Datasheet
77Kb / 2P
   CSH-EFD15-1S-8PR-TZ
More results

Similar Description - CLM-EFD15

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CLI-EFD15 FERROXCUBE-CLI-EFD15_17 Datasheet
77Kb / 2P
   Dimensions for product: EFD15/8/5
CSH-EFD15-1S-8P-IZ FERROXCUBE-CSH-EFD15-1S-8P-IZ_17 Datasheet
77Kb / 2P
   Dimensions for product: EFD15/8/5
CPH-E16-8-5-1S-6P-Z FERROXCUBE-CPH-E16-8-5-1S-6P-Z Datasheet
76Kb / 2P
   Dimensions for product: E16/8/5
CPH-E19-8-5-2S-4P-C FERROXCUBE-CPH-E19-8-5-2S-4P-C Datasheet
76Kb / 2P
   Dimensions for product: E19/8/5
CPH-E19-8-5-4S-10P FERROXCUBE-CPH-E19-8-5-4S-10P Datasheet
76Kb / 2P
   Dimensions for product: E19/8/5
CPH-E19-8-5-1S-8PD-Z FERROXCUBE-CPH-E19-8-5-1S-8PD-Z Datasheet
76Kb / 2P
   Dimensions for product: E19/8/5
CP-P9-5-1S-A FERROXCUBE-CP-P9-5-1S-A Datasheet
68Kb / 1P
   Dimensions for product: P9/5
CP-P9-5-1S-NC FERROXCUBE-CP-P9-5-1S-NC Datasheet
68Kb / 1P
   Dimensions for product: P9/5
CP-P9-5-2S-C FERROXCUBE-CP-P9-5-2S-C Datasheet
68Kb / 1P
   Dimensions for product: P9/5
CP-P14-8-1S FERROXCUBE-CP-P14-8-1S Datasheet
81Kb / 2P
   Dimensions for product: P14/8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com