Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSH-EFD20-1S-8P-IZ Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # CSH-EFD20-1S-8P-IZ
Description  Dimensions for product: EFD20/10/7
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CSH-EFD20-1S-8P-IZ Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  CSH-EFD20-1S-8P-IZ Datasheet HTML 1Page - Ferroxcube International Holding B.V. CSH-EFD20-1S-8P-IZ Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EFD20/10/7
Core
Product specifications
Power loss: 3F36
Measuring conditions
Unit
Max
500 kHz
W/set
0.220
50 mT
100 ºC
500 kHz
W/set
1.700
100 mT
100 ºC
Power loss: 3F46
Measuring conditions
Unit
Max
1000 kHz
W/set
0.580
50 mT
100 ºC
3000 kHz
W/set
0.220
10 mT
100 ºC
Bsat
Measuring conditions
Min
Material
Unit
25 kHz
mT
330
250 A/m
100 ºC
3C95
25 kHz
mT
340
250 A/m
100 ºC
3C96
25 kHz
mT
340
250 A/m
100 ºC
3F36
25 kHz
mT
330
250 A/m
100 ºC
3F46
Description
Accessories
Ordering code
Ordering name
CLI-EFD20
432202135151
Clip
CLM-EFD20
432202102211
Clamp
CPH-EFD20-1S-10PD-Z
432202106161
Coil former, termoplastic, horizontal
CPHS-EFD20/7-1S-10P
432202100071
Coil former, termoplastic, horizontal, S
CSH-EFD20-1S-8P-IZ
432202106931
Coil former, termoset, horizontal
CSH-EFD20-1S-8P-TZ
432202106291
Coil former, termoset, horizontal
CSHS-EFD20-1S-10P-Z
432202106091
Coil former, termoset, horizontal, SMD
CSHS-EFD20-1S-12P
432202104331
Coil former, termoset, horizontal, SMD
2016


Similar Part No. - CSH-EFD20-1S-8P-IZ

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CSH-EFD20-1S-8P-IZ FERROXCUBE-CSH-EFD20-1S-8P-IZ Datasheet
9Kb / 1P
   EFD cores and accessories
CSH-EFD20-1S-8P-IZ FERROXCUBE-CSH-EFD20-1S-8P-IZ Datasheet
76Kb / 2P
   Dimensions for product: EFD20/10/7
More results

Similar Description - CSH-EFD20-1S-8P-IZ

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CLI-EFD20 FERROXCUBE-CLI-EFD20_17 Datasheet
76Kb / 2P
   Dimensions for product: EFD20/10/7
CSH-EFD20-1S-8P-TZ FERROXCUBE-CSH-EFD20-1S-8P-TZ_17 Datasheet
76Kb / 2P
   Dimensions for product: EFD20/10/7
CP-P11-7-1S-C FERROXCUBE-CP-P11-7-1S-C Datasheet
79Kb / 2P
   Dimensions for product: P11/7
CP-P11-7-1S-A FERROXCUBE-CP-P11-7-1S-A Datasheet
79Kb / 2P
   Dimensions for product: P11/7
CP-P11-7-1S FERROXCUBE-CP-P11-7-1S Datasheet
79Kb / 2P
   Dimensions for product: P11/7
CP-P11-7-2S-A FERROXCUBE-CP-P11-7-2S-A Datasheet
79Kb / 2P
   Dimensions for product: P11/7
CPH-E13-7-4-1S-6P FERROXCUBE-CPH-E13-7-4-1S-6P Datasheet
75Kb / 2P
   Dimensions for product: E13/7/4
CLA-E30 FERROXCUBE-CLA-E30_17 Datasheet
73Kb / 2P
   Dimensions for product: E30/15/7
CP-E30 FERROXCUBE-CP-E30 Datasheet
73Kb / 2P
   Dimensions for product: E30/15/7
CSH-E30 FERROXCUBE-CSH-E30 Datasheet
73Kb / 2P
   Dimensions for product: E30/15/7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com