Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-14WR15JV4E Datasheet(PDF) 5 Page - Johanson Technology Inc.

Part # L-14WR15JV4E
Description  RF WIREWOUND CHIP INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

L-14WR15JV4E Datasheet(HTML) 5 Page - Johanson Technology Inc.

  L-14WR15JV4E Datasheet HTML 1Page - Johanson Technology Inc. L-14WR15JV4E Datasheet HTML 2Page - Johanson Technology Inc. L-14WR15JV4E Datasheet HTML 3Page - Johanson Technology Inc. L-14WR15JV4E Datasheet HTML 4Page - Johanson Technology Inc. L-14WR15JV4E Datasheet HTML 5Page - Johanson Technology Inc. L-14WR15JV4E Datasheet HTML 6Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
26
www.johansontechnology.com
0603 inDuCTanCe Range / eleCTRiCal CHaRaCTeRiSTiCS
Part Number
(Standard Tol.)
Inductance
@ L/Q Freq.
L/Q Test
Freq.
Availiable Tolerances
@ L/Q Freq.
Q (min.)
@ L/Q Freq.
SRF (min.)
DC Resistance
(max.)
Rated Current
(max.)
L-14W1N6SV4E
1.6 nH
250 MHz
±0.2 nH, ±0.3 nH
14
7.0 GHz
0.080
700 mA
L-14W1N8SV4E
1.8 nH
250 MHz
±0.2 nH, ±0.3 nH
16
6.9 GHz
0.080
700 mA
L-14W2N0SV4E
2.0 nH
250 MHz
±0.2 nH, ±0.3 nH
16
6.9 GHz
0.080
700 mA
L-14W3N3SV4E
3.3 nH
250 MHz
±0.2 nH, ±0.3 nH
17
6.1 GHz
0.080
700 mA
L-14W3N6SV4E
3.6 nH
250 MHz
±0.2 nH, ±0.3 nH
20
6.0 GHz
0.080
700 mA
L-14W3N9SV4E
3.9 nH
250 MHz
±0.2 nH, ±0.3 nH
22
5.9 GHz
0.080
700 mA
L-14W4N3SV4E
4.3 nH
250 MHz
±0.2 nH, ±0.3 nH
22
5.8 GHz
0.060
700 mA
L-14W4N7SV4E
4.7 nH
250 MHz
±0.2 nH, ±0.3 nH
20
5.8 GHz
0.110
700 mA
L-14W5N1JV4E
5.1 nH
250 MHz
±0.2 nH, ±5%, ±10%
18
5.4 GHz
0.110
700 mA
L-14W5N6JV4E
5.6 nH
250 MHz
±0.2 nH, ±5%, ±10%
16
5.0 GHz
0.110
700 mA
L-14W6N8JV4E
6.8 nH
250 MHz
±0.2 nH, ±5%, ±10%
30
4.6 GHz
0.110
700 mA
L-14W7R5JV4E
7.5 nH
250 MHz
±0.2 nH, ±5%, ±10%
30
4.7 GHz
0.110
700 mA
L-14W8N2JV4E
8.2 nH
250 MHz
±0.2 nH, ±5%, ±10%
30
4.8 GHz
0.100
700 mA
L-14W8N7JV4E
8.7 nH
250 MHz
±0.2 nH, ±5%, ±10%
30
4.6 GHz
0.120
700 mA
L-14W10NJV4E
10.0 nH
250 MHz
±2%, ±5%, ±10%
31
4.0 GHz
0.130
700 mA
L-14W11NJV4E
11.0 nH
250 MHz
±2%, ±5%, ±10%
33
4.0 GHz
0.086
700 mA
L-14W12NJV4E
12.0 nH
250 MHz
±2%, ±5%, ±10%
35
4.0 GHz
0.130
700 mA
L-14W15NJV4E
15.0 nH
250 MHz
±2%, ±5%, ±10%
35
3.1 GHz
0.170
700 mA
L-14W18NJV4E
18.0 nH
250 MHz
±2%, ±5%, ±10%
38
3.0 GHz
0.170
700 mA
L-14W22NJV4E
22.0 nH
250 MHz
±2%, ±5%, ±10%
38
3.0 GHz
0.220
700 mA
L-14W27NJV4E
27.0 nH
250 MHz
±2%, ±5%, ±10%
40
2.8 GHz
0.220
600 mA
L-14W33NJV4E
33.0 nH
250 MHz
±2%, ±5%, ±10%
43
2.3 GHz
0.220
600 mA
L-14W39NJV4E
39.0 nH
250 MHz
±2%, ±5%, ±10%
43
2.2 GHz
0.250
600 mA
L-14W47NJV4E
47.0 nH
200 MHz
±2%, ±5%, ±10%
40
2.0 GHz
0.280
600 mA
L-14W51NJV4E
51.0 nH
200 MHz
±2%, ±5%, ±10%
40
1.9 GHz
0.300
600 mA
L-14W56NJV4E
56.0 nH
200 MHz
±2%, ±5%, ±10%
40
1.9 GHz
0.310
600 mA
L-14W68NJV4E
68.0 nH
200 MHz
±2%, ±5%, ±10%
40
1.7 GHz
0.340
600 mA
L-14W72NJV4E
72.0 nH
150 MHz
±2%, ±5%, ±10%
35
1.7 GHz
0.490
400 mA
L-14W82NJV4E
82.0 nH
150 MHz
±2%, ±5%, ±10%
35
1.7 GHz
0.540
400 mA
L-14WR10JV4E
100.0 nH
150 MHz
±2%, ±5%, ±10%
35
1.4 GHz
0.630
400 mA
L-14WR12JV4E
120.0 nH
150 MHz
±2%, ±5%, ±10%
35
1.3 GHz
0.650
300 mA
L-14WR15JV4E
150.0 nH
150.0 nH
±2%, ±5%, ±10%
35
1.0 GHz
0.920
280 mA
L-14WR18JV4E
180.0 nH
100 MHz
±2%, ±5%, ±10%
30
1.0 GHz
1.25
240 mA
L-14WR22JV4E
220.0 nH
100 MHz
±2%, ±5%, ±10%
30
1.0 GHz
1.70
200 mA
L-14WR27JV4E
270.0 nH
100 MHz
±2%, ±5%, ±10%
30
1.0 GHz
1.80
170 mA
L-14WR33JV4E
330.0 nH
100 MHz
±5%, ±10%
25
900 MHz
3.60
150 mA
L-14WR39JV4E
390.0 nH
100 MHz
±5%, ±10%
24
750 MHz
5.30
100 mA
L-14WR47JV4E
470.0 nH
100 MHz
±5%, ±10%
23
700 MHz
5.60
100 mA
0402 INDUCTANCE RANGE / ELECTRICAL CHARACTERISTICS
Part Number
(Standard Tol.)
Inductance
@ 250MHz
Availiable Tolerances
@ 250MHz
Q (min.)
@ 250MHz
Q (Typ.)
@ 900MHz
Q (Typ.)
@ 1.8GHz
SRF
(min.)
DC Resistance
(max.)
Rated Current
(max.)
L-07W82NJV4T
82.0 nH
+/-5%, +/-10%
16@150 MHz
39
N/A
1.5 GHz
1.250
100 mA
L-07WR10JV4T
100.0 nH
+/-5%, +/-10%
16@150 MHz
36
N/A
1.3 GHz
2.520
100 mA
L-07WR11JV4T
110.0 nH
+/-5%, +/-10%
14@150 MHz
35
N/A
1.2 GHz
2.660
100 mA
L-07WR12JV4T
120.0 nH
+/-5%, +/-10%
14@150 MHz
35
N/A
1.1 GHz
2.660
100 mA


Similar Part No. - L-14WR15JV4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-14WR18JV4E JOHANSON-L-14WR18JV4E Datasheet
191Kb / 2P
   Chip and Wirewound Inductor Packaging Information Taping Specifications
More results

Similar Description - L-14WR15JV4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-14W5N6CV4E JOHANSON-L-14W5N6CV4E Datasheet
692Kb / 6P
   RF WIREWOUND CHIP INDUCTORS
L-14WR22JV4E JOHANSON-L-14WR22JV4E Datasheet
692Kb / 6P
   RF WIREWOUND CHIP INDUCTORS
logo
Cooper Bussmann, Inc.
L-07W4N3SV4T COOPER-L-07W4N3SV4T Datasheet
663Kb / 6P
   RF Wirewound Chip Inductors
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com