Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

431202126111 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # 431202126111
Description  Dimensions for product: E65/32/27
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

431202126111 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  431202126111 Datasheet HTML 1Page - Ferroxcube International Holding B.V. 431202126111 Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E65/32/27
Core
Product specifications
Bsat
Measuring conditions
Min
Material
Unit
25 kHz
mT
370
250 A/m
100 ºC
3C92
25 kHz
mT
320
250 A/m
100 ºC
3C94
25 kHz
mT
330
250 A/m
100 ºC
3C95
Description
Accessories
Ordering code
Ordering name
CLA-E65/32/27
431202126111
Clasp
CP-E65/32/27-1S
431202128723
Coil former, termoplastic
CP-E65-1S-T
432202104521
Coil former, termoplastic
SPR-E65/32/27
431202126141
Spring
2016


Similar Part No. - 431202126111

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
431202126131 FERROXCUBE-431202126131 Datasheet
74Kb / 2P
   Dimensions for product: E55/28/21
More results

Similar Description - 431202126111

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-E65-1S-T FERROXCUBE-CP-E65-1S-T Datasheet
73Kb / 2P
   Dimensions for product: E65/32/27
CLA-E65 FERROXCUBE-CLA-E65_17 Datasheet
73Kb / 2P
   Dimensions for product: E65/32/27
CP-E65 FERROXCUBE-CP-E65 Datasheet
73Kb / 2P
   Dimensions for product: E65/32/27
SPR-E65 FERROXCUBE-SPR-E65 Datasheet
28Kb / 1P
   SPR-E65/32/27
CPH-E71-1S FERROXCUBE-CPH-E71-1S Datasheet
70Kb / 2P
   Dimensions for product: E71/33/32
CLA-EP10 FERROXCUBE-CLA-EP10_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
CSH-EP10-1S-8P FERROXCUBE-CSH-EP10-1S-8P_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
CLI-EP10 FERROXCUBE-CLI-EP10_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
CSH-EP13-2S-4PL FERROXCUBE-CSH-EP13-2S-4PL Datasheet
78Kb / 2P
   Dimensions for product: EP13
CSHS-EP10-1S-8P-T FERROXCUBE-CSHS-EP10-1S-8P-T_17 Datasheet
78Kb / 2P
   Dimensions for product: EP10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com