Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2940IPW Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC2940IPW
Description  HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2940IPW Datasheet(HTML) 3 Page - Texas Instruments

  TLC2940IPW Datasheet HTML 1Page - Texas Instruments TLC2940IPW Datasheet HTML 2Page - Texas Instruments TLC2940IPW Datasheet HTML 3Page - Texas Instruments TLC2940IPW Datasheet HTML 4Page - Texas Instruments TLC2940IPW Datasheet HTML 5Page - Texas Instruments TLC2940IPW Datasheet HTML 6Page - Texas Instruments TLC2940IPW Datasheet HTML 7Page - Texas Instruments TLC2940IPW Datasheet HTML 8Page - Texas Instruments TLC2940IPW Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLC2940
HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
SLAS244 – OCTOBER 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage (any supply), VDD (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (any input), VI (see Note 1)
– 0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current (any input), II
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (any output), IO
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation (TA = 25°C or below), PD (see Note 2)
700 mW
. . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–20
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to network GND terminals.
2. For operation above 25
°C free-air temperature, derate linearly at the rate of 5.6 mW/°C.
recommended operating conditions
PARAMETER
MIN
NOM
MAX
UNIT
Supply voltage VDD (any supply see Notes 3 and 4)
3-V operation
2.85
3
3.15
V
Supply voltage, VDD (any supply, see Notes 3 and 4)
5-V operation
4.75
5
5.25
V
Input voltage, VI (inputs except VCO IN)
0
VDD
V
Output current, IO (any output)
0
±2
mA
VCO control voltage at VCO IN
1
VDD–0.5
V
RBIAS = 1.5 kΩ
42
50
3V operation
RBIAS = 1.8 kΩ
37
47
3-V operation
RBIAS = 2.2 kΩ
33
45
Lock frequency
RBIAS = 2.7 kΩ
28
42
MHz
Lock frequency
RBIAS = 1.5 kΩ
65
75
MHz
5V operation
RBIAS = 2.4 kΩ
50
65
5-V operation
RBIAS = 3.3 kΩ
43
56
RBIAS = 4.3 k
35
50
VCO oscillation frequency setting resistor RBIAS
3-V operation
1.5
2.7
k
VCO oscillation frequency setting resistor, RBIAS
5-V operation
1.5
4.3
k
Operating free-air temperature, TA
–20
85
°C
NOTES:
3. It is recommended that the logic supply terminal (LOGIC VDD) and the VCO supply terminal (VCO VDD) should be at the samevoltage
and separate from each other.
4. The bypass capacitor should be located as close as possible to each power supply.
5. The FREFINPUT (pin 3) and PFD OUT (pin 4) terminals are input/output terminals preset for logic function respectively. In normal
operation, the FREFINPUT shoud be tied to GND and PDF OUT should be left unconnected (open).


Similar Part No. - TLC2940IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2940IPW TI1-TLC2940IPW Datasheet
140Kb / 10P
[Old version datasheet]   HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
TLC2940IPWR TI1-TLC2940IPWR Datasheet
140Kb / 10P
[Old version datasheet]   HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
More results

Similar Description - TLC2940IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2940 TI1-TLC2940_06 Datasheet
140Kb / 10P
[Old version datasheet]   HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
V950ME01 ZCOMM-V950ME01 Datasheet
161Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V805ME08 ZCOMM-V805ME08 Datasheet
69Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V810ME06 ZCOMM-V810ME06 Datasheet
201Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V844ME01 ZCOMM-V844ME01 Datasheet
158Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V846ME07 ZCOMM-V846ME07 Datasheet
98Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V910ME04 ZCOMM-V910ME04 Datasheet
164Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V910ME05 ZCOMM-V910ME05 Datasheet
160Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V910ME13 ZCOMM-V910ME13 Datasheet
159Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V956ME01 ZCOMM-V956ME01 Datasheet
160Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com