Selected language     English  â–¼


TLP741G Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TLP741G
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 1 page
background image
TLP741G
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo
−Thyristor
TLP741G
Office Machine
Household Use Equipment
Solid State Relay
Switching Power Supply
The TOSHIBA TLP741G consists of a photo-thyristor optically coupled to
a gallium arsenide infrared emitting diode in a six lead plastic DIP
package.
· Peak off−state voltage: 400V(min.)
· Trigger LED current: 10mA(max.)
· On−state current: 150mA(max.)
· UL recognized: UL1577, file no. E67349
· BSI approved: BS EN60065: 1994
Certificate no. 6617
BS EN60950: 1992
Certificate no. 7366
· Isolation voltage: 4000Vrms(min.)
· Option (D4) type
VDE approved: DIN VDE0884/08, 87
Certificate no. 65640
Maximum operating insulation voltage: 630VPK
Highest permissible over voltage: 6000VPK
(Note) When a VDE0884 approved type is needed,
please designate the "option (D4)"
7.62mm pich
10.16mm pich
standard type
(LF2) type
· Creepage distance:
7.0mm(min.)
8.0mm(min.)
Clearance:
7.0mm(min.)
8.0mm(min.)
Insulation thickness:
0.5mm(min.)
0.5mm(min.)
Pin Configuration (top view)
Unit in mm
TOSHIBA
11−7B1
Weight: 0.35 g




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLP747JFTOSHIBA Photocoupler GaAs Ired & Photo-Thyristor 1 2 Toshiba Semiconductor
TLP372TOSHIBA Photocoupler GaAs Ired & Photo-Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP197ATOSHIBA PHOTOCOUPLER PHOTO RELAY 1 2 3 4 5 MoreToshiba Semiconductor
TLP181_02GaAs Ired and Photo−Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP181GaAs IRED and PHOTO-TRANSISTOR 1 2 3 4 5 MoreToshiba Semiconductor
NE760LOW NOISE KU-K BAND GAAS MESFET 1 2 3 4 5 MoreNEC
D10040240GTHGaAs Power Doubler 40 - 1000MHz 24.0dB min. Gain @ 1GHz High 440mA max. @ 24VDC 1 2 3 4 PREMIER DEVICES, INC.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl