Selected language     English  ▼


TLP741G Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TLP741G
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 3 page
background image
TLP741G
2002-09-25
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5V
10
µA
Capacitance
CT
V = 0, f = 1MHz
30
pF
Ta = 25°C
10
5000
nA
Off
-state current
IDRM
VAK = 400V
RGK = 27kΩ
Ta = 100°C
1
100
µA
Ta = 25°C
10
5000
nA
Reverse carrent
IRRM
VKA = 400V
RGK = 27kΩ
Ta = 100°C
1
100
µA
On
-state voltage
VTM
ITM = 100mA
0.9
1.3
V
Holding current
IH
RGK = 27kΩ
0.2
mA
Off
-state dv / dt
dv/dt
VD = 280V, RGK = 27kΩ
5
10
V/µs
Anode to gate
20
Capacitance
Cj
V = 0, f = 1MHz
Gate to cathode
350
pF
Coupled Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
VAK = 6V, RGK = 27kΩ
4
10
mA
Turn
-on time
tON
IF = 30mA, VAA = 50V,
RGK = 27kΩ
10
µs
Coupled dv/dt
dv/dt
VS = 500V, RGK = 27kΩ
500
V/µs
Capacitance
(input to output)
CS
VS = 0, f = 1MHz
0.8
pF
Isolation resistance
RS
VS = 500V
1×10
12
10
14
AC, 1 minute
4000
AC, 1 second, in oil
10000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
10000
Vdc




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLP747JFTOSHIBA Photocoupler GaAs Ired & Photo-Thyristor 1 2 Toshiba Semiconductor
TLP372TOSHIBA Photocoupler GaAs Ired & Photo-Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP197ATOSHIBA PHOTOCOUPLER PHOTO RELAY 1 2 3 4 5 MoreToshiba Semiconductor
TLP181_02GaAs Ired and Photo−Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP181GaAs IRED and PHOTO-TRANSISTOR 1 2 3 4 5 MoreToshiba Semiconductor
NE760LOW NOISE KU-K BAND GAAS MESFET 1 2 3 4 5 MoreNEC
D10040240GTHGaAs Power Doubler 40 - 1000MHz 24.0dB min. Gain @ 1GHz High 440mA max. @ 24VDC 1 2 3 4 PREMIER DEVICES, INC.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl