Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5501 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
Download  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320VC5501 Datasheet HTML 1Page - Texas Instruments TMS320VC5501 Datasheet HTML 2Page - Texas Instruments TMS320VC5501 Datasheet HTML 3Page - Texas Instruments TMS320VC5501 Datasheet HTML 4Page - Texas Instruments TMS320VC5501 Datasheet HTML 5Page - Texas Instruments TMS320VC5501 Datasheet HTML 6Page - Texas Instruments TMS320VC5501 Datasheet HTML 7Page - Texas Instruments TMS320VC5501 Datasheet HTML 8Page - Texas Instruments TMS320VC5501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 193 page
background image
Revision History
3
December 2002 − Revised November 2004
SPRS206H
REVISION HISTORY
This data sheet revision history highlights the technical changes made to the SPRS206G device-specific data
sheet to make it an SPRS206H revision.
Scope: Deleted Section 7.1 (Ball Grid Array Mechanical Data) and Section 7.2 (Low-Profile Quad Flatpack Me-
chanical Data). Mechanical drawings of the 201-terminal GZZ, 201-terminal ZZZ, and 176-pin PGF packages will
be appended to this document via an automated process.
Added 201-terminal ZZZ package information/data, added Section 4.1 [Notices Concerning JTAG (IEEE 1149.1)
Boundary Scan Test Capability], added Section 6.2 (Packaging Information), etc.
PAGE(S)
NO.
ADDITIONS/CHANGES/DELETIONS
Global:
− added 201-terminal ZZZ package information/data
− updated title of SPRU146 to “TMS320VC5501/5502/5503/5507/5509 DSP Inter-Integrated Circuit (I2C) Module
Reference Guide”
− updated title of SPRU592 to “TMS320VC5501/5502/5503/5507/5509/5510 DSP Multichannel Buffered Serial Port
(McBSP) Reference Guide”
− moved “Package Thermal Resistance Characteristics” section to Section 6, Mechanical Data
15
Section 1, TMS320VC5501 Features:
− added 201-terminal ZZZ package to “Packages” feature
17
Section 2.2.1:
− changed title from “Ball Grid Array (GZZ)” to “Ball Grid Array (GZZ and ZZZ)”
− updated “The TMS320VC5501 is offered in ...” paragraph
17
Figure 2−1:
− changed title from “201-Terminal GZZ Ball Grid Array (Bottom View)” to “201-Terminal GZZ and ZZZ Ball Grid Array
(Bottom View)”
17
Table 2−1:
− changed title from “201-Terminal GZZ Ball Grid Array Thermal Ball Locations” to “201-Terminal GZZ and ZZZ Ball Grid
Array Thermal Ball Locations”
18
Table 2−2:
− changed title from “201-Terminal GZZ Ball Grid Array Ball Assignments” to “201-Terminal GZZ and ZZZ Ball Grid Array
Ball Assignments”
21
Table 2−4, Signal Descriptions:
− updated Function column of HCS, HDS1, HDS2, and HPIENA
41
Figure 3−2, TMS320VC5501 Memory Map:
− added “Byte Address” above addresses
− added footnote about CE space size
57
Updated Section 3.7, Host-Port Interface (HPI)
76
Section 3.9.6, Reset Sequence:
− updated “After all internal delay cycles have expired ...” bulleted item
113
Table 3−56, Peripheral Bus Controller Configuration Registers:
− added Time-Out Control Register (TOCR) at 0x9000
132
Section 4:
− renamed section from “Documentation Support” to “Support”


Similar Part No. - TMS320VC5501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5501 TI1-TMS320VC5501 Datasheet
2Mb / 197P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5501 TI1-TMS320VC5501 Datasheet
2Mb / 197P
[Old version datasheet]   TMS320VC5501 Fixed-Point Digital Signal Processor
TMS320VC5501GBE300 TI1-TMS320VC5501GBE300 Datasheet
2Mb / 197P
[Old version datasheet]   TMS320VC5501 Fixed-Point Digital Signal Processor
TMS320VC5501GZZ300 TI1-TMS320VC5501GZZ300 Datasheet
2Mb / 197P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5501GZZ300 TI1-TMS320VC5501GZZ300 Datasheet
2Mb / 197P
[Old version datasheet]   TMS320VC5501 Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320VC5501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5501 TI1-TMS320VC5501_V01 Datasheet
2Mb / 197P
[Old version datasheet]   TMS320VC5501 Fixed-Point Digital Signal Processor
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com