Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS55166-70DGH Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS55166-70DGH
Description  262144 BY 16-BIT MULTIPORT VIDEO RAM
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55166-70DGH Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS55166-70DGH Datasheet HTML 7Page - Texas Instruments TMS55166-70DGH Datasheet HTML 8Page - Texas Instruments TMS55166-70DGH Datasheet HTML 9Page - Texas Instruments TMS55166-70DGH Datasheet HTML 10Page - Texas Instruments TMS55166-70DGH Datasheet HTML 11Page - Texas Instruments TMS55166-70DGH Datasheet HTML 12Page - Texas Instruments TMS55166-70DGH Datasheet HTML 13Page - Texas Instruments TMS55166-70DGH Datasheet HTML 14Page - Texas Instruments TMS55166-70DGH Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
TMS55165, TMS55166, TMS55175, TMS55176
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMVS463 – DECEMBER 1995
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
functional operation description
random access operation
Table 4. DRAM Function Table
RAS FALL
CAS
FALL
ADDRESS
DQ0 – DQ15
MNE
FUNCTION
CAS
TRG
WEx
DSF
DSF
RAS
CAS §
RAS
WEL
WEU
CAS
MNE
CODE
Reserved (do not use)
L
L
L
L
X
X
X
X
X
CBR refresh (no reset) and stop-point set
L
X
L
H
X
Stop
Point #
X
X
X
CBRS
CBR refresh (option reset)||
L
X
H
L
X
X
X
X
X
CBR
CBR refresh (no reset)k
L
X
H
H
X
X
X
X
X
CBRN
DRAM write (nonmasked)
H
H
H
L
L
Row
Addr
Col
Addr
X
Valid
Data
RW
DRAM write (nonpersistent write-per-bit)
H
H
L
L
L
Row
Addr
Col
Addr
Write
Mask
Valid
Data
RWM
DRAM write (persistent write-per-bit)
H
H
L
L
L
Row
Addr
Col
Addr
X
Valid
Data
RWM
DRAM block write (nonmasked)h
H
H
H
L
H
Row
Addr
Block
Addr
X
Col
Mask
BW
DRAM block write (nonpersistent write-per-bit)h
H
H
L
L
H
Row
Addr
Block
Addr
Write
Mask
Col
Mask
BWM
DRAM block write (persistent write-per-bit)h
H
H
L
L
H
Row
Addr
Block
Addr
X
Col
Mask
BWM
Load write-mask register
H
H
H
H
L
Refresh
Addr
X
X
Write
Mask
LMR
Load color register
H
H
H
H
H
Refresh
Addr
X
X
Color
Data
LCR
Legend:
X
= Don’t care
Col Mask
= H: Write to address/column enabled
Write Mask
= H: Write to I/O enabled
† DQ0 – DQ15 are latched on either the falling edge of CAS or the first falling edge of WEx, whichever occurs later.
‡ Logic L is selected when either or both WEL and WEU are low.
§ The column address, the block address, or the tap point is latched on the falling edge of CAS depending upon which function is executed.
¶ CBRS cycle should be performed immediately after the power-up for stop-point mode.
# A0 – A3, A8: don’t care; A4 – A7 : stop-point code
|| CBR refresh (option reset) mode ends persistent write-per-bit mode and stop-point mode.
kCBR refresh (no reset) mode does not end persistent write-per-bit mode or stop-point mode.
hFor 4-column block write (TMS5516x), block address is A2–A8; for 8-column block write (TMS5517x), block address is A3–A8.
◊ Load-write-mask-register cycle sets the persistent write-per-bit mode. The persistent write-per-bit mode is reset only by the CBR (option reset)
cycle.


Similar Part No. - TMS55166-70DGH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
TMS55160-60DGH TI-TMS55160-60DGH Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
TMS55160-70DGH TI-TMS55160-70DGH Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
TMS55160-70DGHR TI-TMS55160-70DGHR Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
TMS55161 TI-TMS55161 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
More results

Similar Description - TMS55166-70DGH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ44C251 TI-SMJ44C251 Datasheet
950Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
logo
Austin Semiconductor
SM55161A AUSTIN-SM55161A Datasheet
1Mb / 64P
   262144 x 16 BIT VRAM MULTIPORT VIDEO RAM
logo
Mitsubishi Electric Sem...
M5M5V416BUG-70HI MITSUBISHI-M5M5V416BUG-70HI Datasheet
90Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W416CWG-85HI MITSUBISHI-M5M5W416CWG-85HI Datasheet
162Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M54R16AJ-10 MITSUBISHI-M5M54R16AJ-10 Datasheet
63Kb / 7P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BTP MITSUBISHI-M5M5V416BTP Datasheet
110Kb / 11P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com