Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMJ212BB7224MGHT Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # UMJ212BB7224MGHT
Description  Soft Termination MLCC for Automotive / Industrial Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

UMJ212BB7224MGHT Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  UMJ212BB7224MGHT Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc UMJ212BB7224MGHT Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
PrintPDF
Soft Termination MLCC for Automotive / Industrial Applications
UMJ212BB7224MGHT
Features
Item Summary
0.22uF±20%, 50V,
X7R, 0805/2012 (EIA/JIS)
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
Taping Embossed 2000pcs
Products characteristics table
Capacitance
0.22 uF ± 20 %
Case Size (EIA/JIS)
0805/2012
Rated Voltage
50 V
tanδ (max)
3.5 %
Temperature Characteristic (EIA)
X7R
Operating Temp. Range (EIA)
-55 to +125 ℃
High Temperature Loading
200 %
(% Rated Voltage)
Insulation Resistance (min)
100 MΩ·μF
RoHS2 Compliance (10 subst.)
Yes
REACH Compliance (173 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
2.0 +0.20/-0.00 mm
Dimension W
1.25 +0.20/-0.00 mm
Dimension T
1.25 +0.20/-0.00 mm
Dimension e
0.50 +0.35/-0.25 mm
2017.04.20
1 / 1


Similar Part No. - UMJ212BB7224MGHT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMJ212BB7224MG8T TAIYO-YUDEN-UMJ212BB7224MG8T Datasheet
403Kb / 3P
   Soft Termination MLCC for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
More results

Similar Description - UMJ212BB7224MGHT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMJ316BC7475KLHTE TAIYO-YUDEN-UMJ316BC7475KLHTE Datasheet
281Kb / 2P
   Soft Termination MLCC for Automotive / Industrial Applications
HMJ212CC7474KGHTE TAIYO-YUDEN-HMJ212CC7474KGHTE Datasheet
281Kb / 2P
   Soft Termination MLCC for Automotive / Industrial Applications
HMJ316BC7225KLHTE TAIYO-YUDEN-HMJ316BC7225KLHTE Datasheet
281Kb / 2P
   Soft Termination MLCC for Automotive / Industrial Applications
UMJ212CC7474KGHTE TAIYO-YUDEN-UMJ212CC7474KGHTE Datasheet
275Kb / 2P
   Soft Termination MLCC for Automotive / Industrial Applications
HMJ212CC7474MGHTE TAIYO-YUDEN-HMJ212CC7474MGHTE Datasheet
281Kb / 2P
   Soft Termination MLCC for Automotive / Industrial Applications
HMJ316BC7225MLHTE TAIYO-YUDEN-HMJ316BC7225MLHTE Datasheet
281Kb / 2P
   Soft Termination MLCC for Automotive / Industrial Applications
HMJ325KC7475MMHPE TAIYO-YUDEN-HMJ325KC7475MMHPE Datasheet
281Kb / 2P
   Soft Termination MLCC for Automotive / Industrial Applications
QMJ212BB7223KGHT TAIYO-YUDEN-QMJ212BB7223KGHT Datasheet
288Kb / 2P
   Soft Termination MLCC for Automotive / Industrial Applications
UMJ212CC7474MGHTE TAIYO-YUDEN-UMJ212CC7474MGHTE Datasheet
281Kb / 2P
   Soft Termination MLCC for Automotive / Industrial Applications
UMJ316BC7475MLHTE TAIYO-YUDEN-UMJ316BC7475MLHTE Datasheet
281Kb / 2P
   Soft Termination MLCC for Automotive / Industrial Applications
UMJ212BB7224KGHT TAIYO-YUDEN-UMJ212BB7224KGHT Datasheet
282Kb / 2P
   Soft Termination MLCC for Automotive / Industrial Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com