Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60211 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60211
Description  REGULATED 3.3V LOW RIPPLE CHARGE PUMP WITH ULTRA LOW OPERATING CURRENT
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60211 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS60211 Datasheet HTML 3Page - Texas Instruments TPS60211 Datasheet HTML 4Page - Texas Instruments TPS60211 Datasheet HTML 5Page - Texas Instruments TPS60211 Datasheet HTML 6Page - Texas Instruments TPS60211 Datasheet HTML 7Page - Texas Instruments TPS60211 Datasheet HTML 8Page - Texas Instruments TPS60211 Datasheet HTML 9Page - Texas Instruments TPS60211 Datasheet HTML 10Page - Texas Instruments TPS60211 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TPS60210, TPS60211, TPS60212, TPS60213
REGULATED 3.3 V, LOW RIPPLE CHARGE PUMP
WITH ULTRALOW OPERATING CURRENT
SLVS296 − JUNE 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
Table 1. Recommended Values for the Resistive Divider From the E96 Series (
±1%)
VIN/V
R1/k
R2/k
VTRIP(MIN)/V
VTRIP(MAX)/V
1.6
267
750
1.524
1.677
1.7
301
681
1.620
1.785
1.8
340
649
1.710
1.887
1.9
374
619
1.799
1.988
2.0
402
576
1.903
2.106
power-good detector (TPS60211 and TPS60213)
The power-good output is an open-drain output that pulls low when the output is out of regulation. When the
output rises above 91% of its nominal voltage, the power-good output is released. When the device is
programmed into snooze mode (SNOOZE = LOW), the power-good detector is disabled and PG is high
impedance. In normal operation, an external pullup resistor must be connected between PG and OUT, or any
other voltage rail in the appropriate range. The pullup resistor should be in the 100-k
Ω to 1-MΩ range. If the PG
output is not used, it should remain unconnected.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Voltage range:
IN, OUT, SNOOZE, LBI, LBO, PG to GND
−0.3 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
C1+, C2+ to GND
−0.3 V to (VO + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
C1−, C2− to GND
−0.3 V to (VI + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current: TPS60210, TPS60211
150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TPS60212, TPS60213
75 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE 1 FREE-AIR TEMPERATURE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DGS
424 mW
3.4 mW/
_C
178 mW
136 mW
The thermal resistance junction to ambient of the DGS package is RTH−JA = 294°C/W.
recommended operating conditions
MIN
NOM
MAX
UNIT
Input voltage range, VI
1.6
3.6
V
Input capacitor, Ci
2.2
µF
Flying capacitors, C1, C2
1
µF
Output capacitor, Co
2.2
µF
Operating junction temperature, TJ
−40
125
°C


Similar Part No. - TPS60211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60211 TI-TPS60211 Datasheet
513Kb / 24P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60211 TI1-TPS60211 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60211DGS TI1-TPS60211DGS Datasheet
994Kb / 26P
[Old version datasheet]   REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
TPS60211DGS TI1-TPS60211DGS Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60211DGSG4 TI1-TPS60211DGSG4 Datasheet
994Kb / 26P
[Old version datasheet]   REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
More results

Similar Description - TPS60211

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256 Datasheet
1Mb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
logo
Texas Instruments
TPS60210DGSR TI1-TPS60210DGSR Datasheet
994Kb / 26P
[Old version datasheet]   REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
logo
Maxim Integrated Produc...
MAX679 MAXIM-MAX679 Datasheet
76Kb / 6P
   Regulated 3.3V Charge Pump
Rev 0; 4/97
logo
Microchip Technology
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
   Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
Semtech Corporation
SC613 SEMTECH-SC613 Datasheet
375Kb / 14P
   Low Noise Regulated Charge Pump with Selectable Output
logo
Texas Instruments
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com