Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08051F104JAT2A Datasheet(PDF) 1 Page - AVX Corporation

Part # 08051F104JAT2A
Description  General Specifications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08051F104JAT2A Datasheet(HTML) 1 Page - AVX Corporation

  08051F104JAT2A Datasheet HTML 1Page - AVX Corporation 08051F104JAT2A Datasheet HTML 2Page - AVX Corporation 08051F104JAT2A Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
16
020117
0805
Size
0603
0805
1206
5
Voltage
16V = Y
25V = 3
50V = 5
100V = 1
F
Dielectric
X8R = F
X8L = L
104
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
e.g. 10μF = 106
K
Capacitance
Tolerance
J = ± 5%
K = ±10%
M = ± 20%
4
Failure
Rate
4 = Automotive
A = Not
Applicable
T
Terminations
T = Plated Ni
and Sn
Z = FLEXITERM®
2
Packaging
2 = 7" Reel
4 = 13" Reel
A
Special
Code
A = Std.
Product
X8R/X8L Dielectric
General Specifications
AVX has developed a range of multilayer ceramic capacitors designed for use in applications up to 150ºC.
These capacitors are manufactured with an X8R and an X8L dielectric material. X8R material has
capacitance variation of ±15% between -55ºC and +150ºC. The X8L material has capacitance variation of
±15% between -55ºC to 125ºC and +15/-40% from +125ºC to +150ºC.
The need for X8R and X8L performance has been driven by customer requirements for parts that operate
at elevated temperatures. They provide a highly reliable capacitor with low loss and stable capacitance
over temperature.
They are ideal for automotive under the hood sensors, and various industrial applications. Typical industrial
application would be drilling monitoring system. They can also be used as bulk capacitors for high
temperature camera modules.
Both X8R and X8L dielectric capacitors are automotive AEC-Q200 qualified. Optional termination
systems, tin, FLEXITERM® and conductive epoxy for hybrid applications are available. Providing
this series with our FLEXITERM® termination system provides further advantage to customers by
way of enhanced resistance to both, temperature cycling and mechanical damage.
PART NUMBER (see page 2 for complete part number explanation)
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.
Letter
AC
EG
J
K
M
N
P
Q
XY
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
SIZE
0603
0805
1206
Soldering
Reflow/Wave
Reflow/Wave
Reflow/Wave
WVDC
25V
50V
25V
50V
25V
50V
331
Cap
330
G
G
J
J
471
(pF)
470
G
G
J
J
681
680
G
G
J
J
102
1000
G
G
J
J
J
J
152
1500
G
G
J
J
J
J
222
2200
G
G
J
J
J
J
332
3300
G
G
J
J
J
J
472
4700
G
G
J
J
J
J
682
6800
G
G
J
J
J
J
103
Cap
0.01
G
G
J
J
J
J
153
(μF)
0.015
G
G
J
J
J
J
223
0.022
G
G
J
J
J
J
333
0.033
G
G
J
J
J
J
473
0.047
G
G
J
J
J
J
683
0.068
G
N
N
M
M
104
0.1
N
N
M
M
154
0.15
N
N
M
M
224
0.22
N
M
M
334
0.33
M
M
474
0.47
M
684
0.68
105
1
155
1.5
225
2.2
WVDC
25V
50V
25V
50V
25V
50V
SIZE
0603
0805
1206
SIZE
0603
0805
1206
1210
Soldering
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
WVDC
25V
50V
100V
25V
50V
100V
16V
25V
50V
100V
10V
50V
100V
271
Cap
270
G
G
331
(pF)
330
G
G
G
J
J
J
471
470
G
G
G
J
J
J
681
680
G
G
G
J
J
J
102
1000
G
G
G
J
J
J
J
J
152
1500
G
G
G
J
J
J
J
J
J
182
1800
G
G
G
J
J
J
J
J
J
222
2200
G
G
G
J
J
J
J
J
J
272
2700
G
G
G
J
J
J
J
J
J
332
3300
G
G
G
J
J
J
J
J
J
392
3900
G
G
G
J
J
J
J
J
J
472
4700
G
G
G
J
J
J
J
J
J
562
5600
G
G
G
J
J
J
J
J
J
682
6800
G
G
G
J
J
J
J
J
J
822
8200
G
G
G
J
J
J
J
J
J
103
Cap
0.01
G
G
G
J
J
J
J
J
J
123
(μF)
0.012
G
G
J
J
J
J
J
J
153
0.015
G
G
J
J
J
J
J
J
183
0.018
G
G
J
J
J
J
J
J
223
0.022
G
G
J
J
J
J
J
J
273
0.027
G
G
J
J
J
J
J
J
333
0.033
G
G
J
J
N
J
J
J
393
0.039
G
G
J
J
N
J
J
J
473
0.047
G
G
J
J
N
J
J
J
563
0.056
G
G
J
J
N
J
J
J
683
0.068
G
G
J
J
N
J
J
J
823
0.082
G
G
J
J
N
J
J
J
104
0.1
G
G
J
J
N
J
J
M
124
0.12
J
N
J
J
M
154
0.15
J
N
J
J
J
Q
184
0.18
N
N
J
J
J
Q
224
0.22
N
N
J
J
J
Q
274
0.27
N
J
M
M
Q
334
0.33
N
J
M
M
Q
394
0.39
N
M
M
P
Q
474
0.47
N
M
M
P
Q
684
0.68
N
M
M
P
Q
824
0.82
N
M
M
P
Q
105
1
N
M
M
P
Q
155
1.5
M
M
225
2.2
M
M
Z
Z
475
Z
106
Z
WVDC
25V
50V
100V
25V
50V
100V
16V
25V
50V
100V
10V
50V
100V
SIZE
0603
0805
1206
1210
= AEC-Q200
Qualified
X8R
X8L


Similar Part No. - 08051F104JAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08051F104JAT2A AVX-08051F104JAT2A Datasheet
123Kb / 3P
   X8R/X8L Dielectric
More results

Similar Description - 08051F104JAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com