Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFPS40N60K Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IRFPS40N60K
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFPS40N60K Datasheet(HTML) 2 Page - Vishay Siliconix

  IRFPS40N60K Datasheet HTML 1Page - Vishay Siliconix IRFPS40N60K Datasheet HTML 2Page - Vishay Siliconix IRFPS40N60K Datasheet HTML 3Page - Vishay Siliconix IRFPS40N60K Datasheet HTML 4Page - Vishay Siliconix IRFPS40N60K Datasheet HTML 5Page - Vishay Siliconix IRFPS40N60K Datasheet HTML 6Page - Vishay Siliconix IRFPS40N60K Datasheet HTML 7Page - Vishay Siliconix IRFPS40N60K Datasheet HTML 8Page - Vishay Siliconix IRFPS40N60K Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
Document Number: 91261
2
S11-0112-Rev. B, 31-Jan-11
IRFPS40N60K, SiHFPS40N60K
Vishay Siliconix
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
 300 μs; duty cycle  2 %.
c. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 % to 80 % VDS.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-40
°C/W
Case-to-Sink, Flat, Greased Surface
RthCS
0.24
-
Maximum Junction-to-Case (Drain)
RthJC
-0.22
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
600
-
-
V
VDS Temperature Coefficient
V
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.63
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
3.0
-
5.0
V
Gate-Source Leakage
IGSS
VGS = ± 30 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 600 V, VGS = 0 V
-
-
50
μA
VDS = 480 V, VGS = 0 V, TJ = 125 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 24 Ab
-
0.110
0.130
Forward Transconductance
gfs
VDS = 50 V, ID = 24 Ab
21
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
7970
-
pF
Output Capacitance
Coss
-
750
-
Reverse Transfer Capacitance
Crss
-75
-
Output Capacitance
Coss
VGS = 0 V
VDS = 1.0 V , f = 1.0 MHz
-
9440
-
VDS = 480 V , f = 1.0 MHz
-
200
-
Effective Output Capacitance
Coss eff.
VDS = 0 V to 480 Vc
-
260
-
Total Gate Charge
Qg
VGS = 10 V
ID = 38 A, VDS = 480 V,
see fig. 6 and 13b
-
-
330
nC
Gate-Source Charge
Qgs
--
84
Gate-Drain Charge
Qgd
-
-
150
Turn-On Delay Time
td(on)
VDD = 300 V, ID = 38 A,
RG = 4.3 , see fig. 10b
-47
-
ns
Rise Time
tr
-
110
-
Turn-Off Delay Time
td(off)
-97
-
Fall Time
tf
-60
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
40
A
Pulsed Diode Forward Currenta
ISM
-
-
160
Body Diode Voltage
VSD
TJ = 25 °C, IS = 38 A, VGS = 0 Vb
--
1.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C
IF = 38 A, dI/dt = 100
A/μs
-
630
950
ns
TJ = 125 °C
-
730
1090
Body Diode Reverse Recovery Charge
Qrr
TJ = 25 °C
-
14
20
μC
TJ = 125 °C
-
17
25
Body Diode Recovery Current
IRRM
TJ = 25 °C
-
39
58
A
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
S
D
G


Similar Part No. - IRFPS40N60K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS40N60K IRF-IRFPS40N60K Datasheet
140Kb / 8P
   HEXFET-R Power MOSFET
IRFPS40N60KPBF IRF-IRFPS40N60KPBF Datasheet
176Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRFPS40N60K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com