Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC305 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC305
Description  TO-8 CASCADABLE AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC305 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC305 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC305 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
AC305
FREQUENCY - MHz
Gain vs Temperature Vcc = 5
Noise Figure
K EY: + 25 ° C
+85 ° C
- 55 ° C
21.0
20.0
19.0
18.0
17.0
16.0
15.0
14.0
Power Output at 1 dB Compression
Intercept Point Vcc = 8
60
50
40
30
20
10
Intercept Point Vcc = 5
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
4.0
3.0
2.0
1.0
14.0
13.0
12.0
11.0
2nd HAR
IP 3
IP 2
2nd HAR
IP 3
IP 2
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
+5 V
+8 V
+5 V
+8 V
70
60
50
40
30
20
Model: AC305
Vcc=+5V
Icc=35.26
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
5
1.34
1.18
12.7
-19.0
10
1.24
1.13
12.9
-18.2
20
1.21
1.11
12.9
-18.1
50
1.21
1.11
12.9
0.919
-18.0
100
1.26
1.11
12.9
0.731
-18.0
150
1.34
1.10
12.9
0.715
-17.9
200
1.47
1.10
12.9
0.723
-17.9
250
1.67
1.12
12.8
0.763
-17.8
300
1.98
1.19
12.7
0.793
-17.8
350
2.38
1.31
12.5
0.814
-17.9
LINEAR S-PARAMETERS
Model: AC305
Vcc=+5V
Icc=35.26
FREQ
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.15
-109.7
4.30
-166.0
0.113
-170.0
0.08
-82.9
10
0.11
-136.7
4.41
-174.7
0.122
-176.0
0.06
-129.1
20
0.10
-154.7
4.44
178.9
0.125
178.0
0.05
-160.6
50
0.10
-161.7
4.42
169.4
0.126
168.0
0.05
169.3
100
0.11
-159.5
4.39
157.0
0.126
155.0
0.05
146.0
150
0.14
-157.8
4.40
144.8
0.127
143.0
0.05
134.4
200
0.19
-161.1
4.40
132.5
0.128
130.0
0.05
136.4
250
0.25
-167.6
4.39
119.5
0.129
117.0
0.06
149.6
300
0.33
-177.2
4.33
106.0
0.129
105.0
0.09
158.2
350
0.41
171.3
4.21
92.0
0.128
92.0
0.14
156.7
400
0.50
158.0
4.02
77.7
0.125
80.0
0.20
148.6
450
0.57
144.5
3.74
63.4
0.120
69.0
0.27
-137.5
Model: AC305
Vcc=+8V
Icc=58.70
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
5
1.37
1.19
12.8
-18.9
10
1.27
1.15
13.0
-18.1
20
1.24
1.14
13.1
-17.9
50
1.23
1.14
13.1
0.868
-17.9
100
1.24
1.15
13.0
0.676
-17.9
150
1.26
1.15
13.0
0.656
-17.8
200
1.33
1.15
13.1
0.660
-17.7
250
1.45
1.14
13.1
0.694
-17.7
300
1.64
1.13
13.1
0.726
-17.6
350
1.91
1.17
13.1
0.754
-17.6
LINEAR S-PARAMETERS
Model: AC305
Vcc=+8V
Icc=58.70
FREQ
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.16
-113.8
4.38
-165.8
0.114
-170.0
0.09
-89.4
10
0.12
-141.2
4.48
-174.4
0.124
-176.0
0.07
-136.7
20
0.11
-160.0
4.51
179.3
0.127
178.0
0.07
-166.7
50
0.10
-171.8
4.49
170.4
0.128
169.0
0.07
163.0
100
0.11
-173.5
4.47
158.9
0.128
157.0
0.07
135.5
150
0.12
-172.4
4.49
147.9
0.129
145.0
0.07
116.7
200
0.14
-170.1
4.51
136.7
0.130
133.0
0.07
105.3
250
0.18
-171.3
4.53
124.9
0.131
121.0
0.06
103.4
300
0.24
-177.0
4.53
112.6
0.132
110.0
0.06
115.9
350
0.31
174.9
4.49
99.7
0.132
98.0
0.08
135.4
400
0.40
163.8
4.40
86.1
0.131
87.0
0.13
142.1
450
0.48
151.2
4.22
72.2
0.128
75.0
0.19
137.7


Similar Part No. - AC305

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC3055 ETC-AC3055 Datasheet
118Kb / 2P
   10 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC3055 TELEDYNE-AC3055 Datasheet
172Kb / 2P
   10 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
AC3056 TELEDYNE-AC3056 Datasheet
184Kb / 2P
   500 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
AC3057 TELEDYNE-AC3057 Datasheet
172Kb / 2P
   10 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - AC305

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC457 TELEDYNE-AC457 Datasheet
175Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC509 TELEDYNE-AC509 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC453 TELEDYNE-AC453 Datasheet
177Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC513 TELEDYNE-AC513 Datasheet
173Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC534 TELEDYNE-AC534 Datasheet
177Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC2348 TELEDYNE-AC2348 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC548 TELEDYNE-AC548 Datasheet
175Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC2205 TELEDYNE-AC2205 Datasheet
190Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AP108 TELEDYNE-AP108 Datasheet
190Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC437 TELEDYNE-AC437 Datasheet
175Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC557 TELEDYNE-AC557 Datasheet
174Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com